Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4H02LI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP4H02LI
Description  20V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4H02LI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP4H02LI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4H02LI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4H02LI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4H02LI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4H02LI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4H02LI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4H02LI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP4H02LI
20V N+N-Channel Enhancement Mode MOSFET
AP4H02LI REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
20
22
---
V
RDS(ON)
Static Drain-Source On-Resistance2
VGS=4.5V , ID=4A
---
24
30
mΩ
VGS=2.5V , ID=3A
---
28
38
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
0.5
0.75
1.2
V
IDSS
Drain-Source Leakage Current
VDS=16V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=16V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±12V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=5V , ID=3A
---
10.5
---
S
Qg
Total Gate Charge (4.5V)
VDS=15V , VGS=4.5V , ID=3A
---
4.6
---
nC
Qgs
Gate-Source Charge
---
0.7
---
Qgd
Gate-Drain Charge
---
1.5
---
Td(on)
Turn-On Delay Time
VDD=10V , VGS=4.5V ,
RG=3.3Ω
ID=3A
---
1.6
---
ns
Tr
Rise Time
---
42
---
Td(off)
Turn-Off Delay Time
---
14
---
Tf
Fall Time
---
7
---
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
310
---
pF
Coss
Output Capacitance
---
49
---
Crss
Reverse Transfer Capacitance
---
35
---
IS
Continuous Source Current1,4
VG=VD=0V , Force Current
---
---
3.6
A
VSD
Diode Forward Voltage2
VGS=0V , IS=1A , TJ=25℃
---
---
1.2
V
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com