Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4N10AI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP4N10AI
Description  100V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4N10AI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP4N10AI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4N10AI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4N10AI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4N10AI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4N10AI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4N10AI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4N10AI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP4N10AI
100V N-Channel Enhancement Mode MOSFET
AP4N10AI REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250µA
100
111
-
V
IGSS
Gate Leakage Current
VGS = ±20V, VDS = 0V
-
-
±100
nA
IDSS
Drain Cut-off Current
VDS = 100V, VGS = 0V
-
-
1
µA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250µA
1.2
1.9
2.5
V
RDS(on)
Drain-Source on-state Resistance3
VGS = 10V, ID = 2A
-
175
220
mΩ
VGS = 4.5V, ID = 1.5A
-
220
280
Ciss
Input Capacitance
VGS = 0V, VDS = 50V, f =
1MHz
-
440
-
pF
Coss
Output Capacitance
-
14
-
pF
Crss
Reverse Transfer Capacitance
-
10
-
pF
Qg
Total gate charge
VGS = 10V, VDS = 50V, ID =
2A
-
5.3
-
nC
Qgs
Gate-source charge
-
1.4
-
nC
Qgd
Gate-drain charge
-
1.8
-
nC
td(on)
Turn-on Time
VGS = 10V, VDD = 50V, RG =
1Ω, ID = 2A
-
14
-
ns
tf
Rise time
-
54
-
ns
td(off)
Turn-off Time
-
18
-
ns
tf
Fall time
-
11
-
ns
VSD
Body Diode Voltage3
IS= 1A, VGS = 0V
-
-
1.2
V
IS
Continuous Source Current
-
-
2
A
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com