Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6201P482PR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6201P482PR
Description  Positive Voltage Regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P482PR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6201P482PR Datasheet HTML 1Page - Torex Semiconductor XC6201P482PR Datasheet HTML 2Page - Torex Semiconductor XC6201P482PR Datasheet HTML 3Page - Torex Semiconductor XC6201P482PR Datasheet HTML 4Page - Torex Semiconductor XC6201P482PR Datasheet HTML 5Page - Torex Semiconductor XC6201P482PR Datasheet HTML 6Page - Torex Semiconductor XC6201P482PR Datasheet HTML 7Page - Torex Semiconductor XC6201P482PR Datasheet HTML 8Page - Torex Semiconductor XC6201P482PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2/27
XC6201 Series
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Product Number
01
-
②
Type of Regulator
P
3-pin regulator
③④
Output Voltage
13~60
e.g. 30:3.0V
50:5.0V
⑤
Output Voltage Accuracy
1
±
1%
2
±
2%
⑥⑦-⑧
Packages
(Order Unit)
MR
SOT-25 (3,000
pcs/Reel)
MR-G
SOT-25 (3,000
pcs/Reel)
PR
SOT-89 (1,000
pcs/Reel)
PR-G
SOT-89 (1,000
pcs/Reel)
DR
USP-6B (3,000
pcs/Reel)
DR-G
USP-6B (3,000
pcs/Reel)
■
PRODUCT CLASSIFICATION
●
Ordering Information
X C 6 2 0 1 P ③④⑤⑥⑦-⑧(*1)
① ②
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.
* +1% accuracy can be set at VOUT(T) > 2.0V.
■
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com