Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21. Datasheet(PDF) 4 Page - ON Semiconductor

Part # BAS21.
Description  General-Purpose High Voltage Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS21. Datasheet(HTML) 4 Page - ON Semiconductor

  BAS21. Datasheet HTML 1Page - ON Semiconductor BAS21. Datasheet HTML 2Page - ON Semiconductor BAS21. Datasheet HTML 3Page - ON Semiconductor BAS21. Datasheet HTML 4Page - ON Semiconductor BAS21. Datasheet HTML 5Page - ON Semiconductor BAS21. Datasheet HTML 6Page - ON Semiconductor BAS21. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© 1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BAS21 Rev. 1.3
3
Typical Performance Characteristics
Figure 1. Reverse Voltage vs. Reverse Current
BV - 1.0 to 100
A
Figure 2. Reverse Current vs. Reverse Voltage
IR - 55 to 205 V
Figure 3. Reverse Current vs. Reverse Voltage
IR - 180 to 255 V
Figure 4. Forward Voltage vs. Forward Current
VF - 1.0 to 100 A
Figure 5. Forward Voltage vs. Forward Current
VF - 0.1 to 10 mA
Figure 6. Forward Voltage vs. Forward Current
VF - 10 to 800 mA
3
5
10
20
30
50
100
275
300
325
I - REVERSE CURRENT (uA)
R
Ta= 25°C
GENERAL RULE: The Reverse Current of a diode will approximately
double for every ten (10) Degree C increase in Temperature
55
75
95
115
135
155 175 195
0
10
20
30
40
50
V - REVERSE VOLTAGE (V)
R
Ta= 25°C
GENERAL RULE: The Reverse Current of a diode will approximately
double for every ten Degree C increase in Temperature
180
200
220
240
20
30
40
50
60
70
80
90
100
V - REVERSE VOLTAGE (V)
R
Ta= 25°C
255
1
2
3
5
10
20
30
50
100
250
300
350
400
450
I - FORWARD CURRENT (uA)
F
Ta= 25°C
0.1
0.2 0.3
0.5
1
2
3
5
10
450
500
550
600
650
700
I - FORWARD CURRENT (mA)
F
725
Ta= 25°C
10
20
30
50
100
200 300
500
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
I - FORWARD CURRENT (mA)
F
800
Ta= 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com