Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERTD2FFL101S Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERTD2FFL101S
Description  Disc Type NTC Thermistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERTD2FFL101S Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERTD2FFL101S Datasheet HTML 1Page - Panasonic Semiconductor ERTD2FFL101S Datasheet HTML 2Page - Panasonic Semiconductor ERTD2FFL101S Datasheet HTML 3Page - Panasonic Semiconductor ERTD2FFL101S Datasheet HTML 4Page - Panasonic Semiconductor ERTD2FFL101S Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
n Ratings and Characteristics
ERTD2FE
L]200S
20
3000
2.18
Ñ
ERTD2FF
L]400S
40
3200
2.30
Ñ
ERTD2FG
L]750S
75
3700
2.62
1
ERTD2FF
L]101S
100
3500
2.48
Ñ
ERTD2FG
L]101S
100
3700
2.62
2
ERTD2FG
L]171S
170
3700
2.62
3
ERTD2FF
L]251S
250
3500
2.48
Ñ
ERTD2FG
L]251S
250
3900
2.76
4
ERTD2FG
L]301S
300
3900
2.76
Ñ
ERTD2FF
L]351S
350
3500
2.48
5
ERTD2FG
L]601S
600
4000
2.83
6
ERTD2FG
L]801S
800
3900
0.4
4.5
20
2.76
7
ERTD2FG
L]102S
1000
3700
2.61
Ñ
ERTD2FG
L]142S
1400
3900
2.76
Ñ
ERTD2FG
L]202S
2000
4000
2.83
8
ERTD2FG
L]332S
3300
4000
2.83
9
ERTD2FH
L]462S
4600
4100
2.90
Ñ
ERTD2FH
L]802S
8000
4100
2.90
10
ERTD2FH
L]103S
10000
4100
2.90
Ñ
ERTD2FH
L]153S
15000
4200
2.98
11
ERTD2FH
L]333S
33000
4500
3.22
12
ERTD2FH
L]503S
50000
4500
3.22
13
ERTD2FI
L]154S
150000
4800
3.48
14
ERTD3FE
L]8R0S
8
3000
2.18
15
ERTD3FF
L]130S
13
3200
2.30
16
ERTD3FF
L]160S
16
3200
2.30
Ñ
ERTD3FF
L]200S
20
3200
2.30
Ñ
ERTD3FF
L]300S
30
3200
2.30
Ñ
ERTD3FF
L]400S
40
3200
2.30
Ñ
ERTD3FG
L]750S
75
3700
0.6
7.0
27
2.62
Ñ
ERTD3FG
L]800S
80
3700
2.62
Ñ
ERTD3FG
L]131S
130
3700
2.62
Ñ
ERTD3FG
L]501S
500
4000
2.83
Ñ
ERTD3FH
L]402S
4000
4100
2.90
Ñ
ERTD3FH
L]203S
20000
4500
3.22
Ñ
ERTD3FI
L]803S
80000
5000
3.70
17
]
Resistance Tolerance Code
]]
Tolerance of ÒB valueÓ: ±10 %
B=
kn (R25/R50)
1/298.15Ð1/323.15
R25=Resistance at 25.0 ¡C
R50=Resistance at 50.0 ¡C
l Operating Temperature Range: Ð30 to +125 ¡C
Heat
Zero-Power
B Value]]
Maximum
Dissipation Thermal Time Resistance
Table
Part No.
Resistance
(K)
Permissible
Constant
Constant
Ratio
A/B
at 25 ¡C(W)
Power(W)
(mW/¡C)
(s)
R25/R50
Curve No.
NTC Thermistors (Disc Type)
JK
L
±5 %
±10 %
±15 %



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com