Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCX92 Datasheet(PDF) 1 Page - SIWARD Crystal Technology Co., Ltd.

Part # VCX92
Description  CRYSTAL OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIWARD [SIWARD Crystal Technology Co., Ltd.]
Direct Link  https://www.siward.com/en
Logo SIWARD - SIWARD Crystal Technology Co., Ltd.

VCX92 Datasheet(HTML) 1 Page - SIWARD Crystal Technology Co., Ltd.

  VCX92 Datasheet HTML 1Page - SIWARD Crystal Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model
VCX92
Frequency range
1.5∼54.0MHz
Storage temperature range
-55 ~ +125℃
Operating temperature range
-40∼+85℃
Frequency stability
±30ppm/±50ppm
Power supply voltage
3.3V DC±10%
Current consumption
10mA max@∼20M
15mA max@∼40M
25mA max@∼54M
External control function
External control voltage
±100ppm min./1.65V±1.5V
Modulation Characteristics
15KHz min.
Output level
C-MOS
Output load
15pF
Output Voltage level
VOL: 10%Vcc max. / VOH: 90%Vcc min.
Rise & Fall time
6ns max.@10%Vcc ∼ 90%Vcc
Duty cycle
45∼55%@50%Vcc
Start-up time
5ms max.
Phasa Jitter
1ps max.@12KHz to 20MHz
Jitter
-130dBc/Hz max.(at 1KHz)@F=27MHz/Vdd=3.3V
Applications
•MPEG / ADSL / Settop Box
•Smart Metering
Features
•Dimensions (7.0×5.0×1.6)
•Ceramic SMD Package / Seam sealed
•Low control voltage and CMOS Output
•Reow soldering / Emboss taping /
Wide pulling range
•Tri-state Option
Specifications
Outline and Dimensions [unit:mm]
Package quantity: 3,000pcs max./Reel.
Land Patter n(REFERENCE)
5.08±0.15
1.8(X6)
SOLDER LAND(X6)
0.6±0.15
1.4±0.15
7.0±0.2
#6
#1
#2
#5
#3
#4
MARKING
2.54
2.54
Terminal
Connection
#1
+VC
#2
INH,(N.C)
#3
GND
#4
Output
#5
N.C,(INH)
#6
+Vdd


Similar Part No. - VCX92

ManufacturerPart #DatasheetDescription
logo
SIWARD Crystal Technolo...
VCX00 SIWARD-VCX00 Datasheet
851Kb / 1P
CRYSTAL OSCILLATOR
logo
CTS Corporation
VCX2150A CTS-VCX2150A Datasheet
67Kb / 2P
Surface mount 15.88 mm SQ (.625 SQ)
VCX2154A CTS-VCX2154A Datasheet
67Kb / 2P
Surface mount 15.88 mm SQ (.625 SQ)
logo
TEMEX
VCXO TEMEX-VCXO Datasheet
523Kb / 5P
Space VCXO - Voltage Controlled Crystal Oscillator Flat Pack, General Specification (rev1)
logo
STATEK CORPORATION
VCXO STATEK-VCXO Datasheet
257Kb / 2P
Miniature Surface Mount Voltage-Controlled Crystal Oscillator
More results

Similar Description - VCX92

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TG-2832CB EPSONTOYOCOM-TG-2832CB Datasheet
477Kb / 1P
Crystal oscillator
logo
ECM Electronics Limited...
GBS303 ECM-GBS303 Datasheet
111Kb / 1P
Crystal Oscillator
logo
Epson ToYoCom
EG-2002CA EPSONTOYOCOM-EG-2002CA Datasheet
325Kb / 2P
CRYSTAL OSCILLATOR
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-2600-ACA-BA VECTRON-PX-2600-ACA-BA Datasheet
265Kb / 4P
Crystal Oscillator
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
Crystal Oscillator
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
Crystal Oscillator
logo
NIHON DEMPA KOGYO
7311S-DF-104P NDK-7311S-DF-104P Datasheet
469Kb / 2P
Crystal Oscillator
logo
Epson ToYoCom
SG-3031CM EPSONTOYOCOM-SG-3031CM Datasheet
503Kb / 2P
Crystal Oscillator
VG5032EDN EPSONTOYOCOM-VG5032EDN Datasheet
553Kb / 2P
Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com