Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERTD2FGL142S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERTD2FGL142S
Description  Disc Type NTC Thermistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERTD2FGL142S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERTD2FGL142S Datasheet HTML 1Page - Panasonic Semiconductor ERTD2FGL142S Datasheet HTML 2Page - Panasonic Semiconductor ERTD2FGL142S Datasheet HTML 3Page - Panasonic Semiconductor ERTD2FGL142S Datasheet HTML 4Page - Panasonic Semiconductor ERTD2FGL142S Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Disc Type NTC Thermistors
Type:
ERTD
n Derating Curve for the NTC Thermistor
For the NTC Thermistor operated in ambient
derated in accordance with the right figure.
Ambient Temperature (˚C)
E
R
T
D
±
±
±
Ω
n Explanation of Part Numbers
n Features
l Excellent electrical and thermal stability
NTC Thermistors (Disc Type)
n Recommended Applications
l Temperature detection
l Temperature compensation for measuring
instruments
l Temperature compensation for deflection coil in TV
Disc type negative temperaturecoefficient thermistors.
Resistance values from 8 W to 150 kW and B Values
are from 3000 K to5000 K.
l Wide selection of temperature coefficients
temperature above 25 ûC, power rating should be
Rev.02/04


Similar Part No. - ERTD2FGL142S

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ERT-00A ETA-USA-ERT-00A Datasheet
376Kb / 3P
30 WATT AC-DC CONVERTER
ERT-00B ETA-USA-ERT-00B Datasheet
373Kb / 3P
30 WATT AC-DC CONVERTER
logo
Panasonic Semiconductor
ERT-D2FFL400S PANASONIC-ERT-D2FFL400S Datasheet
695Kb / 5P
NTC Thermistors (Disc Type)
logo
ETA-USA
ERT-FWA ETA-USA-ERT-FWA Datasheet
482Kb / 3P
30 WATT AC-DC CONVERTER
ERT-FWB ETA-USA-ERT-FWB Datasheet
482Kb / 3P
30 WATT AC-DC CONVERTER
More results

Similar Description - ERTD2FGL142S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF58 ETC-MF58 Datasheet
130Kb / 1P
HIGH ACCURACY NTC THERMISTORS TYPE
logo
Murata Manufacturing Co...
NCP18WF104J03RB MURATA-NCP18WF104J03RB Datasheet
1Mb / 44P
NTC Thermistors
logo
AVX Corporation
NJ28RA0104F AVX-NJ28RA0104F Datasheet
823Kb / 38P
NTC Thermistors
logo
Murata Manufacturing Co...
NCP18XH103E0SRB MURATA-NCP18XH103E0SRB Datasheet
1Mb / 47P
NTC Thermistors
logo
Panasonic Semiconductor
ERT-D2FFL400S PANASONIC-ERT-D2FFL400S Datasheet
695Kb / 5P
NTC Thermistors (Disc Type)
ERT-J1VP473H PANASONIC-ERT-J1VP473H Datasheet
306Kb / 14P
NTC Thermistors
logo
AVX Corporation
ND06P00103K AVX-ND06P00103K Datasheet
224Kb / 10P
NTC Disc Thermistors
NR55300299 AVX-NR55300299 Datasheet
102Kb / 7P
NTC Leadless Disc Thermistors
logo
Vatronics Technologies ...
NTC5D-13 VATRONICS-NTC5D-13 Datasheet
144Kb / 5P
NSP POWER TYPE NTC THERMISTORS
NTC5D13 VATRONICS-NTC5D13 Datasheet
144Kb / 5P
NSP POWER TYPE NTC THERMISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com