Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP03P35MI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP03P35MI
Description  -350V P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP03P35MI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP03P35MI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP03P35MI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP03P35MI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP03P35MI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP03P35MI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP03P35MI Datasheet HTML 6Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP03P35MI
-350V P-Channel Enhancement Mode MOSFET
AP3P35MI REV1.0
永源微電子科技有限公司
Description
The AP03P35MI uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -350V ID =-0.3A
RDS(ON) < 22Ω @ VGS=10V (Type:13Ω)
Application
Brushless motor
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP03P35MI
SOT-23-3L
03P35M-AP
3000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-350
V
VGS
Gate-Source Voltage
±20
V
ID@TA=25
℃
Continuous Drain Current, -VGS @ -10V1
-0.3
A
ID@TA=70
℃
Continuous Drain Current, -VGS @ -10V1
-0.12
A
IDM
Pulsed Drain Current2
-0.9
A
EAS
Single Pulse Avalanche Energy3
45.5
mJ
PD@TA=25
℃
Total Power Dissipation4
0.2
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
125
℃
/W
RθJC
Thermal Resistance Junction-Case1
250
℃
/W


Similar Part No. - AP03P35MI

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
AP03P SIRENZA-AP03P Datasheet
123Kb / 1P
COUPLER Product Specification
AP03PZ SIRENZA-AP03PZ Datasheet
123Kb / 1P
COUPLER Product Specification
More results

Similar Description - AP03P35MI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com