Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1N02AF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP1N02AF
Description  20V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP1N02AF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP1N02AF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP1N02AF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP1N02AF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP1N02AF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP1N02AF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP1N02AF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP1N02AF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP1N02AF
20V N-Channel Enhancement Mode MOSFET
AP1N02AF REV1.0
永源微電子科技有限公司
Description
The AP1N02AF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS =20V ID =0.9A
RDS(ON) < 250mΩ @ VGS=4.5V (Type:135mΩ)
ESD=2KV HBM
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP1N02AF
DFN1.0*0.6-3L
1N02
3000
Absolute Maximum Ratings@Tj=25oC(unless otherwise specified)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±10
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V1
0.9
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V1
0.6
A
IDM
Pulsed Drain Current
3.6
A
PD@TC=25
℃
Power Dissipation
0.23
W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
RθJA
Thermal Resistance Junction-Ambient 1
543
℃/W


Similar Part No. - AP1N02AF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP1N10I APME-AP1N10I Datasheet
1Mb / 7P
100V N-Channel Enhancement Mode MOSFET
AP1N150D APME-AP1N150D Datasheet
748Kb / 7P
1500V N-Channel Enhancement Mode MOSFET
REV1.0
AP1N40MI APME-AP1N40MI Datasheet
1Mb / 7P
400V N-Channel Enhancement Mode MOSFET
AP1N40SI APME-AP1N40SI Datasheet
752Kb / 7P
400V N-Channel Enhancement Mode MOSFET
REV1.0
AP1N50MI APME-AP1N50MI Datasheet
1Mb / 7P
500V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP1N02AF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com