Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2N150MP Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP2N150MP
Description  1500V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2N150MP Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP2N150MP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2N150MP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2N150MP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2N150MP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2N150MP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2N150MP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2N150MP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP2N150MP
1500V N-Channel Enhancement Mode MOSFET
AP2N150MP RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 μA
1500 1650
V
ΔBVDSS/ ΔTJ Breakdown Voltage TemperatureCoefficient
ID=250μA, Referenced to25°C
0.74
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS =1500V, VGS=0V
1
μA
IDSS
Zero Gate Voltage Drain Current
VDS=720V, TC=125°C
10
μA
IGSSF
Gate-Body Leakage Current, Forward
VGS=30V, VDS=0V
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS=-30 V, VDS=0V
-100
nA
VGS(TH)
Gate Threshold Voltage
VDS=VGS, ID=250uA
3.0
3.5
5.0
V
RDS(On)
Drain-Source On-state Resistance
VGS=10 V, ID=4.5 A,
11.5
13
Ω
Ciss
Input Capacitance
VDS=25V, VGS=0V, f=1.0MHz
673
pF
Coss
Output Capacitance
56
pF
Crss
Reverse Transfer Capacitance
7.8
pF
td(on)
Turn On Delay Time
VDD=750V, ID=1.5A,
RG=25Ω
39
ns
tr
Rising Time
18
ns
td(off)
Turn Off Delay Time
119
ns
tf
Fall Time
64
ns
Qg
Total Gate Charge
VDS=1200V, ID=2A,
VGS=10V
30.5
nC
Qgs
Gate-Source Charge
3.5
nC
Qgd
Gate-Drain Charge
19
nC
ISM
Maximum Pulsed Drain-Source Diode Forward Current
2
A
VSD
Diode Forward Voltage
VGS=0V, IS =2A
1.4
V
trr
Reverse Recovery Time
VGS=0V, IS=1.5A, dIF/dt=100
A/μs Note4)
1100
ns
Qrr
Reverse Recovery Charge
5.12
μC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
、The EAS data shows Max. rating . L=10mH IAS=4.2A, VDD=50V, RG=25Ω, Starting TJ=25ºC
3
、The test condition is Pulse Test: Pulse width ≤ 300μs, Duty Cycle ≤ 1%
4
、The power dissipation is limited by 150℃ junction temperature
5
、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com