Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2P03DW Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP2P03DW
Description  -30V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2P03DW Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP2P03DW Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2P03DW Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2P03DW Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2P03DW Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2P03DW Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2P03DW Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2P03DW Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP2P03DW
-30V P-Channel Enhancement Mode MOSFET
AP2P03DW REV1.0
永源微電子科技有限公司
Package Mechanical Data-SOT-363-6L
Symbol
Dim in mm
min.
typ.
max.
A
0.9
1
1.1
A1
0
0.05
0.1
A2
0.9
0.95
1
b
0.15
0.25
0.35
c
0.1
0.12
0.15
D
1.8
2
2.2
E
2.15
2.25
2.35
E1
1.15
1.25
1.35
e
0.650TYP
e1
1.2
1.3
1.4
L
0.25
0.3
0.4
L1
0.525REF
θ
0°
4°
8°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com