Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS41 Datasheet(PDF) 2 Page - Same Sky Devices

Part # TS41
Description  TACTILE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

TS41 Datasheet(HTML) 2 Page - Same Sky Devices

  TS41 Datasheet HTML 1Page - Same Sky Devices TS41 Datasheet HTML 2Page - Same Sky Devices TS41 Datasheet HTML 3Page - Same Sky Devices TS41 Datasheet HTML 4Page - Same Sky Devices TS41 Datasheet HTML 5Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SAME SKY | SERIES: TS41 | DESCRIPTION: TACTILE SWITCH
date 11/20/2025 | page 2 of 5
sameskydevices.com
MECHANICAL DRAWING
units: mm
tolerance: ±0.2 mm
unless otherwise noted
DESCRIPTION
MATERIAL
PLATING/COLOR
terminals
phosphor copper
silver
housing
LCP (UL94V-0)
black
contacts
SUS
silver
cover
phoshopr copper
silver
stem
PPA (UL94HB)
see part number key
Recommended PCB Layout
Top View
Height Table
Actuator Height Models
H
Actuator Height Models
H
35
3.5 mm
60
6.0 mm
40
4.0 mm
65
6.5 mm
50
5.0 mm
ACTUATOR POSITION
( ): MOMENTARY
NORMAL
DOWN
OFF
(ON)
SCHEMATIC
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com