Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC400 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXSC400
Description  Photoflash LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC400 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXSC400 Datasheet HTML 1Page - Zetex Semiconductors ZXSC400 Datasheet HTML 2Page - Zetex Semiconductors ZXSC400 Datasheet HTML 3Page - Zetex Semiconductors ZXSC400 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Issue 2 - July 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006
DN74
ZXSC400 Photoflash LED reference design
Description
This design note shows the ZXSC400 driving a Photoflash LED. The input voltage is 3V with a
maximum pulsed output current of 1A for 2ms.
A typical schematic diagram is shown in Figure 1.
Figure 1
Schematic diagram
Operation
In charging mode, SW1 is closed and SW2 is open the ZXSC400 is configured as a typical boost
converter, charging capacitor C2 up the regulated output voltage set by the ratio of R1 and R2.
This is typically 16V. The peak current of the converter (current drawn from the battery) is
controlled by R3 plus R4, and is typically 280mA for this application. When C2 is charged to 16V
the SW1 is opened and SW2 is closed, converting the ZXSC400 to a step down converter to
provide a 1A constant current for 2ms to the photoflash LED. During step down operation, current
flows from C2, through the photoflash LED, L1, U2 and is returned to C2 through R3. This means
that the peak current is set at a higher value than in charging mode, typically 1A. When the current
reaches it's peak value, U2 is switched off and current flows from L1 through the Schottky diode
in U2, to the photoflash LED. This cyclic process is repeated until C2 is discharged.
VCC
GND
ISENSE
VDRIVE
STDN
VFB
U1
ZXSC400
C2
L1
VBATT
C1
R3
R1
R4
R2
C3
SW2
SW1
Charging mode: SW1 closed, SW2 open
Discharging mode: SW1 open, SW2 closed
U2


Similar Part No. - ZXSC400

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC400 ZETEX-ZXSC400 Datasheet
195Kb / 16P
LED DRIVER BOOST CONVERTER
logo
Diodes Incorporated
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
LED DRIVER BOOST CONVERTER
JANUARY 2003
logo
Zetex Semiconductors
ZXSC400E6TA ZETEX-ZXSC400E6TA Datasheet
195Kb / 16P
LED DRIVER BOOST CONVERTER
logo
Diodes Incorporated
ZXSC400E6TA DIODES-ZXSC400E6TA Datasheet
203Kb / 16P
LED DRIVER BOOST CONVERTER
JANUARY 2003
logo
Zetex Semiconductors
ZXSC400EV2 ZETEX-ZXSC400EV2 Datasheet
66Kb / 1P
circuit diagram and bill of materials
More results

Similar Description - ZXSC400

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PR1000 GOOD-ARK-PR1000 Datasheet
49Kb / 2P
PHOTOFLASH RECTIFIER
PR1000R GOOD-ARK-PR1000R Datasheet
49Kb / 2P
PHOTOFLASH RECTIFIER
logo
Zetex Semiconductors
ZXSC440 ZETEX-ZXSC440 Datasheet
165Kb / 13P
PHOTOFLASH CHARGER
logo
GOOD-ARK Electronics
FR15 GOOD-ARK-FR15 Datasheet
140Kb / 2P
Photoflash Rectifiers
logo
Zetex Semiconductors
ZXSC440 ZETEX-ZXSC440_05 Datasheet
173Kb / 16P
PHOTOFLASH CHARGER
logo
MIC GROUP RECTIFIERS
PR1000 MIC-PR1000 Datasheet
142Kb / 2P
PHOTOFLASH RECTIFIER
logo
Chenmko Enterprise Co. ...
PR1000FPT CHENMKO-PR1000FPT Datasheet
77Kb / 2P
PHOTOFLASH RECTIFIER
PR1000PT CHENMKO-PR1000PT Datasheet
75Kb / 2P
PHOTOFLASH RECTIFIER
logo
Diodes Incorporated
ZXSC440 DIODES-ZXSC440 Datasheet
161Kb / 16P
PHOTOFLASH CHARGER
JANUARY 2005
logo
Shenzhen Luguang Electr...
PR1000 LUGUANG-PR1000 Datasheet
60Kb / 2P
PHOTOFLASH RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com