Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # LD3
Description  Pan-Way® LD Surface Raceway System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LD3 Datasheet(HTML) 1 Page - PANDUIT CORP.

  LD3 Datasheet HTML 1Page - PANDUIT CORP. LD3 Datasheet HTML 2Page - PANDUIT CORP. LD3 Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LD Raceway
Raceway:
LD3IW**-A
LD5IW**-A
LD10IW**-A
LD Raceway Fittings
Coupler LD10:
CF10IW-X
Coupler LD3/LD5:
CF*IW-E
Inside corner:
ICFC*IW-X
Outside Corner LD10:
OCFC10IW-X
Bend Radius
Outside Corner:
OCFX*IW-X
Right angle:
RAFC*IW-X
End cap LD10:
ECF10IW-X
End cap LD3/LD5:
ECF*IW-E
Tee:
TFC*IW-X
Drop ceiling/
entrance end:
DCF*IW-X
Right angle/
entrance end:
RAEFXIW-X
LD5 fire box adapter:
FBA5IW-X
LD Raceway Surface Mount
Outlet/Junction Boxes
Low Voltage
Single gang,
one-piece:
JB1IW-A
Single gang,
one-piece, deep:
JB1DIW-A
Single gang,
two-piece:
JBX3510IW-A
Power Rated
Single gang,
two-piece:
JBP1IW
Single gang,
two-piece, deep:
JBP1DIW
Single gang,
two-piece, extension:
JBP1EIW
Single gang,
two-piece, intermediate:
JBP1IIW
Single gang,
two-piece, snap on:
JBP1FSIW
Single gang,
two-piece, round:
RJBX3510IW
Double gang,
two-piece:
JBP2IW
Double gang,
two-piece, deep:
JBP2DIW
Double gang,
two-piece, divided:
JBP2SIW
Double gang,
two-piece, snap on:
JBP2FSIW
*Insert raceway size of 3, 5, or 10
**Insert raceway length of 6', 8', or 10'
All parts listed in Off White (IW) color.
To order other colors, substitute IW in the
part number with (EI) Electrical Ivory,
or (WH) White.
www.panduit.com
Pan-Way® LD Surface Raceway System
Pan-Way® LD Surface Raceways are
designed to provide easy and economical
solutions for routing any low voltage cable
along smooth and clean perimeter walls,
baseboards or ceilings. This raceway is
a perfect solution for schools, hospitals,
offices, homes or anywhere a small, secure,
low profile raceway is needed.
technical information
Material:
Rigid PVC
Flammability:
UL94V-0; FT4
Voltage Rating:
50V or less
Capacity:
Single channel
Operating and
Storage Temperature:
0° to 50oC
key features and benefits
1" bend radius
control fittings
Cables in the raceway will satisfy the minimum 1" bend radius
requirement, preventing the potential degradation of cable
performance; meets TIA/EIA standards
One-piece hinged
design
Cables can be laid into the raceway, speeding installation and
preventing damage to cables
Ahesive backing
Full length adhesive strip allows easy tool free installation
Please refer to part drawing for best practices of installation
Available in different
sizes & lengths
Accommodates varying cable types and capacities
Available sizes - LD3, LD5, LD10;
Available lengths - 6', 8', 10'
Non-metallic
construction
Lightweight, reducing installer fatigue and labor required to
install the raceway; solid color throughout will not chip, peel,
rust or corrode; easy to cut with standard saws and saw blades,
eliminating the need for special cutting devices
Distinct colors
Available in three standard colors- IW, EI, WH
Raceway is field paintable to match walls and surrounding décor
Full selection of
fittings and surface
mount boxes
Wide variety of fittings and surface mount boxes available for
various LD raceway applications
applications
SPECIFICATION SHEET
specifications
LD non-metallic series low voltage, one-piece hinged design,
single channel surface raceway includes adhesive backing
and is made of impact resistant material with a smooth finish
that will not scratch, peel, or corrode. The raceway includes
an assortment of bend radius and standard fittings that
complement the offering to help route, protect, and conceal low
voltage data, voice, and video cabling. LD raceway is available
in three sizes and three standard colors that are optimized for
use with the Panduit® Pan-Net® communication system.


Similar Part No. - LD3

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD30 LIGHTGRAPHIX-LD30 Datasheet
2Mb / 3P
LED System
14 March 2025
logo
MORNSUN Science& Techno...
LD30-26B03R2 MORNSUN-LD30-26B03R2 Datasheet
1Mb / 5P
30W, AC-DC converter
2021.11.16-A/0
LD30-26B05R2 MORNSUN-LD30-26B05R2 Datasheet
1Mb / 5P
30W, AC-DC converter
2021.11.16-A/0
LD30-26B09R2 MORNSUN-LD30-26B09R2 Datasheet
1Mb / 5P
30W, AC-DC converter
2021.11.16-A/0
LD30-26B12R2 MORNSUN-LD30-26B12R2 Datasheet
1Mb / 5P
30W, AC-DC converter
2021.11.16-A/0
More results

Similar Description - LD3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF59S ETC1-DF59S Datasheet
320Kb / 1P
3-Way System Mono-Pole Connectors
V704 ETC2-V704 Datasheet
290Kb / 8P
One-Piece Surface Steel Raceway
V711 ETC2-V711 Datasheet
290Kb / 8P
One-Piece Surface Steel Raceway
V718 ETC2-V718 Datasheet
290Kb / 8P
One-Piece Surface Steel Raceway
logo
PANDUIT CORP.
LDW10-V PANDUIT-LDW10-V Datasheet
107Kb / 1P
PAN-WAY PLASTIC SURFACE RACEWAY
logo
List of Unclassifed Man...
V5744S ETC2-V5744S Datasheet
1Mb / 9P
One-Piece Steel Surface Raceway
logo
PANDUIT CORP.
T-45 PANDUIT-T-45 Datasheet
261Kb / 3P
Pan-Way짰 T-45 Surface Raceway System
logo
Amphenol Communications...
CEM-5 AMPHENOLCS-CEM-5 Datasheet
362Kb / 3P
Minitek® Pwr CEM-5 PCIe® Connector System
logo
BCM Advanced Research.
EPC-APL BCM-EPC-APL Datasheet
394Kb / 1P
Intel® Pentium® N4200/ Celeron® N3350 Processor Fanless Tiny System
07/25/2018
logo
Lapp.
2170204 LAPP-2170204 Datasheet
231Kb / 2P
UNITRONIC® BUS LD 2x2x0,22 mm2
01.03.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com