Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M12 Datasheet(PDF) 3 Page - Raspberry Pi Holdings PLC

Part # M12
Description  High Quality Camera
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

M12 Datasheet(HTML) 3 Page - Raspberry Pi Holdings PLC

  M12 Datasheet HTML 1Page - Raspberry Pi Holdings PLC M12 Datasheet HTML 2Page - Raspberry Pi Holdings PLC M12 Datasheet HTML 3Page - Raspberry Pi Holdings PLC M12 Datasheet HTML 4Page - Raspberry Pi Holdings PLC M12 Datasheet HTML 5Page - Raspberry Pi Holdings PLC M12 Datasheet HTML 6Page - Raspberry Pi Holdings PLC M12 Datasheet HTML 7Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Raspberry Pi High Quality Camera – Raspberry Pi Ltd
Specification
Sensor:
Sony IMX477R stacked, back-illuminated sensor
Resolution:
12.3 megapixels
Sensor size:
7.9mm sensor diagonal
Pixel size:
1.55μm × 1.55μm
Output:
RAW12/10/8, COMP8
Back focus length of lens: 2.6mm–11.8mm (M12 Mount variant)
12.5mm–22.4mm (CS Mount variant)
Lens sensor format:
1/2.3” (7.9mm) or larger
IR cut filter:
Integrated 2
Ribbon cable length:
200mm
Tripod mount:
1/4”-20
Compliance:
FCC 47 CFR Part 15, Subpart B, Class B Digital Device
Electromagnetic Compatibility Directive (EMC)
2014/30/EU
Restriction of Hazardous Substances (RoHS) Directive
2011/65/EU
Production lifetime:
The Raspberry Pi High Quality Camera will remain in
production until at least January 2030
2 Can be removed to enable IR sensitivity. Modification is irreversible.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com