Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT244TH Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74FCT244TH
Description  Fast CMOS Octal Buffer/Line Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT244TH Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74FCT244TH Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT244TH Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT244TH Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT244TH Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT244TH Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT244TH Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT244TH Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT244TH Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS2011E
06/20/06
PI74FCT244T/2244T
PI74FCT541T/2541T
Octal Buffer/Line Drivers
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other con-
ditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect reliability.
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5.0V ± 5%)
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VOH
Output HIGH Voltage
VCC = Min., VIN = VIH or VIL
IOH = –15.0mA
2.4
3.0
V
VOL
Output LOW Current
VCC = Min., VIN = VIH or VIL
IOL = 64mA
0.3
0.55
VOL
Output LOW Current
VCC = Min., VIN = VIH or VIL
IOL = 12mA
(25ΩSeries)
0.3
0.50
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.8
IIH
Input HIGH Current
VCC = Max.
VIN = VCC
1
µA
IIL
Input LOW Current
VCC = Max.
VIN = GND
–1
IOZH
High Impedance
VCC = MAX.
VOUT = 2.7V
1
IOZL
Output Current
VOUT = 0.5V
–1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IOFF
Power Down Disable
VCC = GND, VOUT = 4.5V
100
µA
IOS
Short Circuit Current
VCC = Max.(3), VOUT = GND
–60
–120
mA
VH
Input Hysteresis
200
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1)
Description
Test Conditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
Notes:
1. This parameter is determined by device characterization but is not production tested.
Storage Temperature ............................................................. –65°C to +150°C
Ambient Temperature with Power Applied .............................-40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) ...... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ... –0.5V to +7.0V
DC Input Voltage ..................................................................... –0.5V to +7.0V
DC Output Current................................................................................ 120mA
Power Dissipation .................................................................................... 0.5W
06-0218



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com