Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT244TL Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74FCT244TL
Description  Fast CMOS Octal Buffer/Line Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT244TL Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT244TL Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT244TL Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT244TL Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT244TL Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT244TL Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT244TL Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT244TL Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT244TL Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PS2011E
06/20/06
PI74FCT244T/2244T
PI74FCT541T/2541T
Octal Buffer/Line Drivers
PI74FCT244/2244T Switching Characteristics over Operating Range
Param-
eters
Description
Condi-
tions(1)
244T/2244T
244AT/2244AT
244CT/2244CT
244DT
Units
Com.
Com.
Com.
Com.
Min
Max
Min
Max
Min
Max
Min
Max
tPLH
tPHL
Propagation Delay(2)
CL = 50pF
1.5
6.5
1.5
4.8
1.5
4.1
1.5
3.6
ns
tPZH
tPZL
Output Enable Time
OEX to ON
1.5
8.0
1.5
6.2
1.5
5.8
1.5
4.8
ns
tPHZ
tPLZ
Output Disable
Time(3)
OEX to ON
1.5
7.0
1.5
5.6
1.5
5.2
1.5
4.0
ns
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.
PI74FCT541/2541T Switching Characteristics over Operating Range
Parameters
Description
Conditions(1)
541T/2541T
541AT/
2541AT
541CT/
2541CT
541DT
Units
Com.
Com.
Com.
Com.
Min
Max
Min
Max
Min
Max
Min
Max
tPLH
tPHL
Propagation Delay(2)
DN to ON
CL = 50pF
RL = 500Ω
1.5
6.0
1.5
4.8
1.5
4.1
1.5
3.8
ns
tPZH
tPZL
Output Enable Time
OEX to ON
1.5
9.5
1.5
6.2
1.5
5.8
1.5
5.2
ns
tPHZ
tPLZ
Output Disable
Time(3)
OEX to ON
1.5
6.5
1.5
5.6
1.5
5.2
1.5
5.2
ns
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.
06-0218



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com