Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF2912 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REF2912
Description  100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2912 Datasheet(HTML) 2 Page - Texas Instruments

  REF2912 Datasheet HTML 1Page - Texas Instruments REF2912 Datasheet HTML 2Page - Texas Instruments REF2912 Datasheet HTML 3Page - Texas Instruments REF2912 Datasheet HTML 4Page - Texas Instruments REF2912 Datasheet HTML 5Page - Texas Instruments REF2912 Datasheet HTML 6Page - Texas Instruments REF2912 Datasheet HTML 7Page - Texas Instruments REF2912 Datasheet HTML 8Page - Texas Instruments REF2912 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
REF2912, 2920, 2925, 2930, 2933, 2940
2
SBVS033B
www.ti.com
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage, V+ to V– ................................................................... 7.0V
Output Short-Circuit(2) .............................................................. Continuous
Operating Temperature .................................................. –40
°C to +125°C
Storage Temperature ..................................................... –65
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these, or any other conditions beyond those specified, is not implied.
(2) Short-circuit to ground.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
REF2912
SO T23-3
DBZ
–40
°C to +125°C
R29A
REF2912AIDBZT
Tape and Reel, 250
"
"""
"
REF2912AIDBZR
Tape and Reel, 3000
REF2920
SOT23-3
DBZ
–40
°C to +125°C
R29B
REF2920AIDBZT
Tape and Reel, 250
"
"""
"
REF2920AIDBZR
Tape and Reel, 3000
REF2925
SOT23-3
DBZ
–40
°C to +125°C
R29C
REF2925AIDBZT
Tape and Reel, 250
"
"""
"
REF2925AIDBZR
Tape and Reel, 3000
REF2930
SOT23-3
DBZ
–40
°C to +125°C
R29D
REF2930AIDBZT
Tape and Reel, 250
"
"""
"
REF2930AIDBZR
Tape and Reel, 3000
REF2933
SOT23-3
DBZ
–40
°C to +125°C
R29E
REF2933AIDBZT
Tape and Reel, 250
"
"""
"
REF2933AIDBZR
Tape and Reel, 3000
REF2940
SOT23-3
DBZ
–40
°C to +125°C
R29F
REF2940AIDBZT
Tape and Reel, 250
"
"""
"
REF2940AIDBZR
Tape and Reel, 3000
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI web site at www.ti.com.
PACKAGE/ORDERING INFORMATION(1)
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, ILOAD = 0mA, VIN = 5V, unless otherwise noted.
REF29xx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REF2912-1.25V
OUTPUT VOLTAGE
V
OUT
1.225
1.25
1.275
V
Initial Accuracy
2%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
14
µV
PP
Voltage Noise
f = 10Hz to 10kHz
42
µVrms
LINE REGULATION
1.8V
≤ V
IN ≤ 5.5V
60
190
µV/V
REF2920
OUTPUT VOLTAGE
V
OUT
2.007
2.048
2.089
V
Initial Accuracy
2%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
23
µV
PP
Voltage Noise
f = 10Hz to 10kHz
65
µVrms
LINE REGULATION
VREF + 50mV ≤ VIN ≤ 5.5V
110
290
µV/V
REF2925
OUTPUT VOLTAGE
V
OUT
2.450
2.50
2.550
V
Initial Accuracy
2%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
28
µV
PP
Voltage Noise
f = 10Hz to 10kHz
80
µVrms
LINE REGULATION
VREF + 50mV ≤ VIN ≤ 5.5V
120
325
µV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com