Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT573ATQ Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74FCT573ATQ
Description  Octal Transparent Latches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT573ATQ Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74FCT573ATQ Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT573ATQ Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT573ATQ Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT573ATQ Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT573ATQ Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT573ATQ Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT573ATQ Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT573ATQ Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74FCT573ATQ Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS2015E
04/12/07
Block Diagram
Description:
Pericom Semiconductor’s PI74FCT373T and PI74FCT 573T are
8-bit wide octal transparent latches designed with 3-state outputs
and are intended for bus oriented applications. When Latch Enable
(LE) is HIGH, the flip-flops appear transparent to the data. The data
that meets the set-up time when LE is LOW is latched. When OE is
HIGH, the bus output is in the high impedance state.
PI74FCT373T
PI74FCT573T
Features:
• PI74FCT373/573T are pin compatible with bipolar FAST™
Series at a higher speed and lower power consumption
• TTL input and output levels
• Low ground bounce outputs
• Extremely low static power
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Device models available upon request
• Packaging:
PI74FCT373T(Pb-free&Greenavailable)
– 20-pin TSSOP (L)
– 20-pin QSOP (Q)
– 20-pin SOIC (S)
PI74FCT573T(Pb-free&Greenavailable)
– 20-pin QSOP (Q)
– 20-pin SOIC (S)
O
D
G
OE
LE
D0
O0
O
D
G
D1
O1
O
D
G
D2
O2
O
D
G
D3
O3
O
D
G
D4
O4
O
D
G
D5
O5
O
D
G
D6
O6
O
D
G
D7
O7
Octal Transparent Latches
06-0218


Similar Part No. - PI74FCT573ATQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT573ATQ PERICOM-PI74FCT573ATQ Datasheet
160Kb / 8P
Fast CMOS Octal Transparent Latches
More results

Similar Description - PI74FCT573ATQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT3573 IDT-IDT74FCT3573 Datasheet
108Kb / 7P
3.3V CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT373 IDT-IDT74FCT373 Datasheet
160Kb / 8P
FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT373T IDT-IDT74FCT373T Datasheet
182Kb / 8P
FAST CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T Datasheet
160Kb / 8P
Fast CMOS Octal Transparent Latches
logo
Texas Instruments
CD54HCT573 TI-CD54HCT573 Datasheet
355Kb / 11P
OCTAL TRANSPARENT D-TYPE LATCHES
SN54HC373 TI-SN54HC373_08 Datasheet
724Kb / 19P
OCTAL TRANSPARENT D-TYPE LATCHES
logo
Unisonic Technologies
U74LVC573 UTC-U74LVC573_15 Datasheet
241Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCHES
logo
Texas Instruments
CD54HC573 TI1-CD54HC573_16 Datasheet
901Kb / 15P
OCTAL TRANSPARENT D-TYPE LATCHES
SN54ALS373A TI1-SN54ALS373A_16 Datasheet
1Mb / 21P
OCTAL TRANSPARENT D-TYPE LATCHES
SN54F373 TI1-SN54F373_16 Datasheet
1Mb / 18P
OCTAL TRANSPARENT D-TYPE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com