| Electronic Components Datasheet Search |
|
LE33CDTR Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LE33CDTR Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 27 page ![]() LE00AB/C SERIES 3/27 Table 3: Ordering Codes (*) Available in Tape & Reel with the suffix "-TR". (#) Available in Tape & Reel with the suffix "-TR" and in Ammopak with the suffix "-AP". TYPE SO-8 (*) TO-92 (#) OUTPUT VOLTAGE LE12AB LE12ABD LE12ABZ 1.25 V LE12C LE12CD LE12CZ 1.25 V LE15AB LE15ABD LE15ABZ 1.5 V LE15C LE15CD LE15CZ 1.5 V LE25AB LE25ABD LE25ABZ 2.5 V LE25C LE25CD LE25CZ 2.5 V LE27AB LE27ABD LE27ABZ 2.7 V LE27C LE27CD LE27CZ 2.7 V LE30AB LE30ABD LE30ABZ 3 V LE30C LE30CD LE30CZ 3 V LE33AB LE33ABD LE33ABZ 3.3 V LE33C LE33CD LE33CZ 3.3 V LE35AB LE35ABD LE35ABZ 3.5 V LE35C LE35CD LE35CZ 3.5 V LE40AB LE40ABD LE40ABZ 4 V LE40C LE40CD LE40CZ 4 V LE45AB LE45ABD LE45ABZ 4.5 V LE45C LE45CD LE45CZ 4.5 V LE47AB LE47ABD LE47ABZ 4.7 V LE47C LE47CD LE47CZ 4.7 V LE50AB LE50ABD LE50ABZ 5 V LE50C LE50CD LE50CZ 5 V LE52AB LE52ABD LE52ABZ 5.2 V LE52C LE52CD LE52CZ 5.2 V LE55AB LE55ABD LE55ABZ 5.5 V LE55C LE55CD LE55CZ 5.5 V LE60AB LE60ABD LE60ABZ 6 V LE60C LE60CD LE60CZ 6 V LE80AB LE80ABD LE80ABZ 8 V LE80C LE80CD LE80CZ 8 V LE120AB LE120ABD LE120ABZ 12 V LE120C LE120CD LE120CZ 12 V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |