Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P40-VMP6G Datasheet(PDF) 38 Page - STMicroelectronics

Part # M25P40-VMP6G
Description  4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40-VMP6G Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M25P40-VMP6G Datasheet HTML 32Page - STMicroelectronics M25P40-VMP6G Datasheet HTML 33Page - STMicroelectronics M25P40-VMP6G Datasheet HTML 34Page - STMicroelectronics M25P40-VMP6G Datasheet HTML 35Page - STMicroelectronics M25P40-VMP6G Datasheet HTML 36Page - STMicroelectronics M25P40-VMP6G Datasheet HTML 37Page - STMicroelectronics M25P40-VMP6G Datasheet HTML 38Page - STMicroelectronics M25P40-VMP6G Datasheet HTML 39Page - STMicroelectronics M25P40-VMP6G Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
M25P40
38/40
PART NUMBERING
Table 21. Ordering Information Scheme
Note: 1. ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment. The High Reliability Cer-
tified Flow (HRCF) is described in the quality note QNEE9801. Please ask your nearest ST sales office for a copy.
2. Available for SO8 package only
3. Available for MLP package only
4. Device grade 3 available in SO8 Lead-free and RoHS compliant package
For a list of available options (speed, package, etc.) or for further information on any aspect of this device,
please contact your nearest ST Sales Office.
Example:
M25P40
–
V
MN
6
T
P
Device Type
M25P = Serial Flash Memory for Code Storage
Device Function
40 = 4 Mbit (512K x 8)
Operating Voltage
V = VCC = 2.7 to 3.6V
Package
MN = SO8 (150 mil width)
MP = VDFPN8 6x5mm (MLP8)
Device Grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
3 4 = Device tested with High Reliability Certified Flow1.
Automotive temperature range (–40 to 125 °C)
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating Technology
blank = Standard SnPb plating
P2 = Lead-Free and RoHS compliant
G3 = Lead-Free, RoHS compliant, Sb2O3-free and TBBA-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com