Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2L Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SF2L
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF2L Datasheet(HTML) 1 Page - Rectron Semiconductor

  SF2L Datasheet HTML 1Page - Rectron Semiconductor SF2L Datasheet HTML 2Page - Rectron Semiconductor SF2L Datasheet HTML 3Page - Rectron Semiconductor SF2L Datasheet HTML 4Page - Rectron Semiconductor SF2L Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SURFACE MOUNT FAST RECOVERY RECTIFIER
VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SF1L
THRU
SF5L
SOD-123FL
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
FEATURES
* Fast switching
* Low leakage
* Low forward voltage drop
* High current capability
* High currenf surge
* High reliability
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
* Mounting position: Any
* Weight: 0.016 gram
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
T
Typical Thermal Resistance (Note 4)
ypical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
C
RqJA
RqJL
J
TJ, TSTG
VRMS
SF1L
SF2L
SF3L
SF4L
SF5L
UNITS
50
100
400
Volts
Volts
Volts
Amps
35
50
420
600
70
100
280
400
600
1.0
20
32
150
15
-55 to + 150
Amps
pF
0
C
0
C/W
200
140
200
NOTES : 1. Reverse Re
4. Thermal Resistance : Mounted on PCB.
covery Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2006-12
at Rated DC Blocking Voltage TA = 25
oC
CHARACTERISTICS
Maximum Full Load Reverse Current Full Cycle Average,
.375” (9.5mm) lead length at TL = 55
oC
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
SF1L
SF2L
SF3L
SF4L
SF5L
UNITS
1.3
2.0
100
150
250
m
Amps
m
Amps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
3. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
.150 (3.8)
.142 (3.6)
.052 (1.32)
.050 (1.28)
.033 (0.85)
.030 (0.75)
.044 (1.12)
.043 (1.08)
.033 (0.85)
.030 (0.75)
.035 (0.90)
.028 (0.70)
.039 (1.00)
.035 (0.90)
.077 (1.95)
.069 (1.75)
.008 (0.20)
.114 (2.9)
.106 (2.7)


Similar Part No. - SF2L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF2L RECTRON-SF2L Datasheet
187Kb / 7P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
2021- REV:E 08
logo
Taiwan Semiconductor Co...
SF2L4G TSC-SF2L4G Datasheet
352Kb / 4P
2A, 200V - 600V Glass Passivated Super Fast Rectifiers
SF2L6G TSC-SF2L6G Datasheet
352Kb / 4P
2A, 200V - 600V Glass Passivated Super Fast Rectifiers
SF2L8G TSC-SF2L8G Datasheet
352Kb / 4P
2A, 200V - 600V Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF2L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FR3A-K SMC-FR3A-K Datasheet
172Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com