Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP05N06AF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP05N06AF
Description  60V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP05N06AF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP05N06AF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP05N06AF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP05N06AF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP05N06AF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP05N06AF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP05N06AF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP05N06AF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP05N06AF
60V N-Channel Enhancement Mode MOSFET
AP05N06AF REV1.0
永源微電子科技有限公司
Electrical Characteristics (TA=25℃unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V, ID= 250µA
60
72
-
V
IGSS
Gate leakage Current
VGS= ±20V, VDS= 0V
-
-
±10
µA
IDSS
Drain Cut-off Current
VDS= 60V, VGS= 0V
-
-
1
µA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= 250µA
1.0
1.3
2.0
V
RDS(on)
Drain-Source On-state
Resistance3
VGS= 10V, ID= 0.3A
-
1100
1600
mΩ
VGS= 4.5V, ID= 0.2A
-
1300
2000
mΩ
Ciss
Input Capacitance
V DS = 30V, V GS = 0V,
f = 1MHz
25
pF
Coss
Output Capacitance
5.6
pF
Crss
Reverse Transfer Capacitance
2.2
pF
Qg
Total Gate Charge
VGS = 4.5V, VDS = 30V,
ID = 0.3A
-
0.61
-
nC
Qgs
Gate-Source Charge
-
0.27
-
nC
Qgd
Gate-Drain Charge
-
0.23
-
nC
td(on)
Turn-on Delay Time
VGS = 10V,VDD = 30V,
ID = 0.3A, RG= 3Ω
-
4.3
-
ns
tr
Turn-on Rise Time
-
2.4
-
ns
td(off)
Turn-off Delay Time
-
21
-
ns
tf
Turn- off Fall Time
-
14.5
-
ns
VSD
Diode Forward Voltage3
IS= 0.3A ,VGS=0V,
-
-
1.5
V
IS
Continuous Source Current
-
-
-
0.5
A
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com