Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3P06AI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP3P06AI
Description  -60V P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP3P06AI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP3P06AI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP3P06AI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP3P06AI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP3P06AI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP3P06AI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP3P06AI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP3P06AI Datasheet HTML 7Page - A POWER MICROELECTRONICS AP3P06AI Datasheet HTML 8Page - A POWER MICROELECTRONICS AP3P06AI Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
臺灣永源微電子科技有限公司
Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-60
---
---
V
△
BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25℃ , ID=-1mA
---
-0.021
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance2
VGS=-10V , ID=-1.5A
---
130
185
mΩ
VGS=-4.5V , ID=-1A
---
158
200
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-1.0
---
-2.5
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
4.08
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=-48V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=-48V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-1.5A
---
5.9
---
S
Qg
Total Gate Charge (-4.5V)
VDS=-20V , VGS=-4.5V , ID=-
1.5A
---
4.6
---
nC
Qgs
Gate-Source Charge
---
1.4
---
Qgd
Gate-Drain Charge
---
1.62
---
Td(on)
Turn-On Delay Time
VDS=-15V , VGS=-10V , RG=3.3
Ω,
ID=-1A
---
17.4
---
ns
Tr
Rise Time
---
5.4
---
Td(off)
Turn-Off Delay Time
---
37.2
---
Tf
Fall Time
---
2.4
---
Ciss
Input Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
531
---
pF
Coss
Output Capacitance
---
59
---
Crss
Reverse Transfer Capacitance
---
38
---
IS
Continuous Source Current1,4
VG=VD=0V , Force Current
---
---
-1.7
A
ISM
Pulsed Source Current2,4
---
---
-7
A
VSD
Diode Forward Voltage2
VGS=0V , IS=-1A , TJ=25℃
---
---
-1.2
V
Note :
1.The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3.The power dissipation is limited by 150℃ junction temperature
4.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
AP3P06AI
-60V P-Channel Enhancement Mode MOSFET
AP3P06AI Rve3.9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com