Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4HV02LI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP4HV02LI
Description  20V NNPP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4HV02LI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP4HV02LI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4HV02LI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4HV02LI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4HV02LI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4HV02LI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4HV02LI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4HV02LI Datasheet HTML 7Page - A POWER MICROELECTRONICS AP4HV02LI Datasheet HTML 8Page - A POWER MICROELECTRONICS AP4HV02LI Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP4HV02LI
20V NN+PP-Channel Enhancement Mode MOSFET
AP4HV02LI REV1.0
永源微電子科技有限公司
Description
The AP4HV02LI uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 20V ID =4.5A
RDS(ON) < 45mΩ @ VGS=4.5V (Type:30mΩ)
VDS = -20V ID =-3.8A
RDS(ON) < 85mΩ @ VGS=-4.5V(Type:65mΩ)
Application
BLDC
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP4HV02LI
SOT23-6L
AP4HV02LI
3000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
20
-20
V
VGS
Gate-Source Voltage
±
20
±
20
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
4.5
-3.8
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V1
3.0
-2.5
A
IDM
Pulsed Drain Current2
52
-40
A
EAS
Single Pulse Avalanche Energy3
12
18
mJ
PD@TA=25℃
Total Power Dissipation4
1.5
1.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
105
℃
/W
RθJC
Thermal Resistance Junction-Case1
50
℃
/W


Similar Part No. - AP4HV02LI

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
AP4HV KNOWLES-AP4HV Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
More results

Similar Description - AP4HV02LI

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com