Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC1012 Datasheet(PDF) 1 Page - Pro-Power

Part # GC1012
Description  4 and 6 Way
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

GC1012 Datasheet(HTML) 1 Page - Pro-Power

  GC1012 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4 and 6 Way
ÏDenotes pin 1
Ì A range of 4 and 6 way cord sets to BT specification CW1311 in light grey
Ì Available with a choice of terminations to suit most applications, standard plugs or
grommet and tags
Ì The 146-989 is a standard 4 way extendable hand set cord fitted with a 430A hand set
plug, grommet and tags.
Ì Cord set length 3 metres. Hand set cord 400mm nominal, 1 metre fully extended.
BT Conformities
Tag Types
207A
Grommet Types
DSL16 & DSL24
206870
BT
Price Each
Line Chords
Type
Order Code
4-way plug/plug (fig 1)
4/500
120-2599●
6-way plug/plug (fig 1)
6/500
120-2600●
4-way plug/plug (fig 2)
4/502
120-2602●
6-way plug/plug (fig 2)
6/502
120-2603●
Hand Set Cord
4-way plug/plug (fig 3)
4/503
146-989


Similar Part No. - GC1012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC1012A TI-GC1012A Datasheet
186Kb / 30P
DIGITAL TUNER CHIP
GC1012A-CQ TI-GC1012A-CQ Datasheet
186Kb / 30P
DIGITAL TUNER CHIP
GC1012A-PQ TI-GC1012A-PQ Datasheet
186Kb / 30P
DIGITAL TUNER CHIP
GC1012B TI-GC1012B Datasheet
249Kb / 28P
3.3V DIGITAL TUNER CHIP
GC1012B TI-GC1012B Datasheet
290Kb / 30P
3.3V DIGITAL TUNER CHIP
More results

Similar Description - GC1012

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBGF-T-6-2.4-6 AAC-JXWBGF-T-6-2.4-6 Datasheet
69Kb / 1P
6-Way Power Divider
JXWBHC-T-6-800-2000 AAC-JXWBHC-T-6-800-2000 Datasheet
54Kb / 1P
6-Way Power Combiner
logo
Amphenol Corporation
AT04-6P AMPHENOL-AT04-6P Datasheet
604Kb / 1P
Recpt, 6 Way
AT06-6S AMPHENOL-AT06-6S Datasheet
143Kb / 1P
Plug, 6 Way
logo
Transcom, Inc.
TPD04-06G18S TRANSCOM-TPD04-06G18S Datasheet
72Kb / 1P
6-18GHz 4-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
DFK-7B1S SYNERGY-DFK-7B1S Datasheet
343Kb / 3P
6-WAY POWER DIVIDER
DFK-705S SYNERGY-DFK-705S Datasheet
435Kb / 3P
6-WAY POWER DIVIDER
logo
Dielectric Laboratories...
PDW06089 DILABS-PDW06089 Datasheet
204Kb / 2P
6-18GHz 4-way Wilkinson Power Divider
logo
Knowles Electronics
PDW06089 KNOWLES-PDW06089 Datasheet
204Kb / 2P
6-18GHz 4-way Wilkinson Power Divider
logo
Shenzhen Putianhe Techn...
TM1806 PTH-TM1806 Datasheet
261Kb / 6P
6 way led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com