Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4P20D Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP4P20D
Description  -200V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4P20D Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP4P20D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4P20D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4P20D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4P20D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4P20D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4P20D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4P20D Datasheet HTML 7Page - A POWER MICROELECTRONICS AP4P20D Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP4P20DIY
-200V P-Channel Enhancement Mode MOSFET
AP4P20D/Y REV1.0
永源微電子科技有限公司
Description
The AP4P20D/Y uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -200V ID =-4.0A
RDS(ON) < 1.7Ω @ VGS=-10V (Type:1.4Ω)
Application
Lithium battery protection
Mobile phone fast charging
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP4P20D
TO-252-3L
AP4P20D XXX YYYY
2500
AP4P20Y
TO-251-3L
AP4P20Y XXX YYYY
4000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
- 200
V
VGS
Gate-Source Voltage
± 20
V
ID@TC=25
℃
Continuous Drain Current, -VGS @ -10V1
-4.0
A
ID@TC=100
℃
Continuous Drain Current, -VGS @ -10V1
- 2.3
A
IDM
Pulsed Drain Currenta
- 14
A
EAS
Single Pulse Avalanche Energyb
310
mJ
IAR
Repetitive Avalanche Currenta
- 3.6
A
EAR
Repetitive Avalanche Energya
4.2
mJ
PD
Maximum Power Dissipation TC = 25 °C
42
W
dV/dt
Peak Diode Recovery dV/dtc
- 5.0
V/ns
TJ, Tstg
Operating Junction and Storage Temperature Range
- 55 to + 150
°C
RthJA
Maximum Junction-to-Ambient
62.5
°C/W
RthJC
Maximum Junction-to-Case (Drain)
3.0
°C/W


Similar Part No. - AP4P20D

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4P012LEH A-POWER-AP4P012LEH Datasheet
72Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4P013LEP A-POWER-AP4P013LEP Datasheet
72Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4P013LES A-POWER-AP4P013LES Datasheet
72Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4P016H A-POWER-AP4P016H Datasheet
74Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4P016I A-POWER-AP4P016I Datasheet
71Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP4P20D

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP2120G4 ZETEX-ZXMP2120G4 Datasheet
442Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120E5 ZETEX-ZXMP2120E5 Datasheet
384Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120FF ZETEX-ZXMP2120FF Datasheet
410Kb / 10P
200V SOT23F P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP2120E5 DIODES-ZXMP2120E5 Datasheet
391Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2006
ZXMP2120FF DIODES-ZXMP2120FF Datasheet
423Kb / 10P
200V SOT23F P-channel enhancement mode MOSFET
JANUARY 2007
ZXMP2120G4 DIODES-ZXMP2120G4 Datasheet
422Kb / 6P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2006
ZXMP2120E5 DIODES-ZXMP2120E5_15 Datasheet
718Kb / 7P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMP2120G4 DIODES-ZXMP2120G4_15 Datasheet
745Kb / 7P
200V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Cystech Electonics Corp...
MTD2K5P20KM3 CYSTEKEC-MTD2K5P20KM3 Datasheet
402Kb / 9P
-200V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMAK13P20 LEIDITECH-LMAK13P20 Datasheet
2Mb / 5P
-200V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com