Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5G03DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP5G03DF
Description  30V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP5G03DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP5G03DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP5G03DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP5G03DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP5G03DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP5G03DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP5G03DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP5G03DF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP5G03DF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP5G03DF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP5G03DF
30V N+P-Channel Enhancement Mode MOSFET
AP5G03DF RVE1.1
永源微電子科技有限公司
Description
The AP5G03DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 30V ID =8.2A
RDS(ON) < 25mΩ @ VGS=10V (Type:18mΩ)
VDS = -30V ID =-7.5A
RDS(ON) < 48mΩ @ VGS=-10V(Type:38mΩ)
Application
BLDC
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP5G03DF
PDFN3*3-8L
AP5G03DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
30
-30
V
VGS
Gate-Source Voltage
±
20
±
20
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
8.2
7.5
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V1
5.1
-4.2
A
IDM
Pulsed Drain Current2
25
-24
A
EAS
Single Pulse Avalanche Energy3
22
22
mJ
IAS
Avalanche Current
21
11
A
PD@TA=25℃
Total Power Dissipation4
18
18
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
85
℃
/W
RθJC
Thermal Resistance Junction-Case1
60
℃
/W


Similar Part No. - AP5G03DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP5G10DF APME-AP5G10DF Datasheet
1Mb / 10P
100V NP-Channel Enhancement Mode MOSFET
REV1.0
AP5G10S APME-AP5G10S Datasheet
1Mb / 10P
100V NP-Channel Enhancement Mode MOSFET
AP5G15NF APME-AP5G15NF Datasheet
1Mb / 10P
150V NP-Channel Enhancement Mode MOSFET
More results

Similar Description - AP5G03DF

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW3G03LI YFWDIODE-YFW3G03LI Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6G03S YFWDIODE-YFW6G03S Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G03ES YFWDIODE-YFW8G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03ES YFWDIODE-YFW15G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03NF YFWDIODE-YFW15G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G03NF YFWDIODE-YFW20G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G03GD YFWDIODE-YFW25G03GD Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40G03NF YFWDIODE-YFW40G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80G03NF YFWDIODE-YFW80G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Guangdong Youtai Semico...
AO4606 UMW-AO4606 Datasheet
2Mb / 8P
30V NP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com