Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5G10DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP5G10DF
Description  100V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP5G10DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP5G10DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP5G10DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP5G10DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP5G10DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP5G10DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP5G10DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP5G10DF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP5G10DF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP5G10DF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP5G10DF
100V N+P-Channel Enhancement Mode MOSFET
AP5G10DF REV1.0
永源微電子科技有限公司
Description
The AP5G10DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS =100V ID =8.8A
RDS(ON) < 120mΩ @ VGS=10V (Type:85mΩ)
VDS = -100V ID =-4.8A
RDS(ON) < 290mΩ @ VGS=-10V (Type:235mΩ)
Application
BLDC
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP5G10DF
PDFN3X3-8L
AP5G10DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
100
-100
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
8.8
4.8
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
5.9
-3.5
A
IDM
Pulsed Drain Current2
28
-14.8
A
EAS
Single Pulse Avalanche Energy3
28
18
mJ
PD@TC=25℃
Total Power Dissipation4
23
21.3
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62.5
℃
/W
RθJC
Thermal Resistance Junction-Case1
5.4
℃
/W


Similar Part No. - AP5G10DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP5G10S APME-AP5G10S Datasheet
1Mb / 10P
100V NP-Channel Enhancement Mode MOSFET
More results

Similar Description - AP5G10DF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP10H4D2S DIODES-DMP10H4D2S Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
100V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW8G10NF YFWDIODE-YFW8G10NF Datasheet
2Mb / 8P
100V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G10GD YFWDIODE-YFW15G10GD Datasheet
2Mb / 8P
100V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com