Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5H20NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP5H20NF
Description  200V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP5H20NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP5H20NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP5H20NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP5H20NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP5H20NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP5H20NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP5H20NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP5H20NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP5H20NF
200V N-Channel Enhancement Mode MOSFET
AP5H20NF REV1.0
永源微電子科技有限公司
Description
The AP5H20NF is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS =200V,ID =5A
RDS(ON) <600mΩ@ VGS=10V (Type:530mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP5H20NF
PDFN5X6-8L
AP5H20NF XXX YYYY
5000
Absolute Maximum Ratings TC = 25ºC, unless otherwise noted
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage (VGS = 0V)
200
V
ID
Continuous Drain Current
5
A
IDM
Pulsed Drain Current
20
A
VGSS
Gate-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
45
mJ
IAR
Avalanche Current
3
A
EAR
Repetitive Avalanche Energy
3.2
mJ
PD
Power Dissipation (TC = 25ºC)
46
W
RthJC
Thermal Resistance, Junction-to-Case
2.7
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
60
ºC/W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
ºC


Similar Part No. - AP5H20NF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AP5 TEC-AP5 Datasheet
684Kb / 3P
KILOVAC 270 Vdc High Voltage Relays
logo
Knowles Electronics
AP5 KNOWLES-AP5 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
LEM
AP50-B10 LEM-AP50-B10 Datasheet
56Kb / 2P
AC Current transducer AP-B10
AP50-B420L LEM-AP50-B420L Datasheet
56Kb / 2P
AC Current transducer AP-B420L
logo
Diodes Incorporated
AP5001 DIODES-AP5001 Datasheet
169Kb / 9P
PWM CONTROL 1.5A STEP-DOWN CONVERTER
OCTOBER 2007 Rev. 1
More results

Similar Description - AP5H20NF

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY18N20D HY-HY18N20D Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
HY18N20T HY-HY18N20T Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN20B28KTC DIODES-ZXMN20B28KTC Datasheet
657Kb / 8P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZVNL120G DIODES-ZVNL120G_15 Datasheet
567Kb / 6P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMN20B28K DIODES-ZXMN20B28K_15 Datasheet
657Kb / 8P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Shenzhen Huazhimei Semi...
HM2N20MR HMSEMI-HM2N20MR Datasheet
928Kb / 6P
200V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMAK18N20 LEIDITECH-LMAK18N20 Datasheet
1Mb / 6P
200V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJU18N20 PANJIT-PJU18N20 Datasheet
1Mb / 8P
200V N-Channel Enhancement Mode MOSFET
July 18,2017-REV.00
logo
TECH PUBLIC Electronics...
FQD7N20LTM-TP TECHPUBLIC-FQD7N20LTM-TP Datasheet
2Mb / 5P
200V N-Channel Enhancement Mode Power MOSFET
STD5N20LT4-TP TECHPUBLIC-STD5N20LT4-TP Datasheet
2Mb / 5P
200V N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com