Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5N10DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP5N10DF
Description  100V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP5N10DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP5N10DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP5N10DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP5N10DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP5N10DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP5N10DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP5N10DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP5N10DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP5N10DF
100V N-Channel Enhancement Mode MOSFET
AP5N10DF Rve3.8
臺灣永源微電子科技有限公司
Description
The AP5N10DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a
Battery protection or in other Switching application.
General Features
VDS = 100V ID = 5A
RDS(ON) < 140mΩ @ VGS=10V
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP5N10DF
AP5N10DF
5000
Absolute Maximum Ratings at Tj=25℃ unless otherwise noted
Parameter
Symbol
Value
Unit
Drain source voltage
VDS
100
V
Gate source voltage
VGS
±20
V
Continuous drain current1), TC=25 ℃
ID
5
A
Pulsed drain current2), TC=25 ℃
ID, pulse
15
A
Power dissipation3), TC=25 ℃
PD
17
W
Single pulsed avalanche energy5)
EAS
1.2
mJ
Operation and storage temperature
Tstg,Tj
-55 to 150
℃
Thermal resistance, junction-case
RθJC
7.4
℃/W
Thermal resistance, junction-ambient4)
RθJA
62
℃/W
P
DFN3*3-8L


Similar Part No. - AP5N10DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP5N100F APME-AP5N100F Datasheet
1Mb / 7P
1000V N-Channel Enhancement Mode MOSFET
AP5N100P APME-AP5N100P Datasheet
1Mb / 7P
1000V N-Channel Enhancement Mode MOSFET
AP5N100T APME-AP5N100T Datasheet
1Mb / 7P
1000V N-Channel Enhancement Mode MOSFET
AP5N10BI APME-AP5N10BI Datasheet
1,022Kb / 7P
100V N-Channel Enhancement Mode MOSFET
AP5N10BSI APME-AP5N10BSI Datasheet
1Mb / 7P
100V N-Channel Enhancement Mode MOSFET
REV1.1
More results

Similar Description - AP5N10DF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
JANUARY 2005
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
SHIKUES Electronics
SK2328N3 SKTECHNOLGY-SK2328N3 Datasheet
1Mb / 6P
100V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMTL5N10 LEIDITECH-LMTL5N10 Datasheet
6Mb / 5P
100V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com