Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4461805 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4461805
Description  Surface Mount RTD Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4461805 Datasheet(HTML) 2 Page - Labfacility Ltd

  4461805 Datasheet HTML 1Page - Labfacility Ltd 4461805 Datasheet HTML 2Page - Labfacility Ltd 4461805 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
PRT-38
Jun-24
A bolt-on RTD Temperature Sensor with an aluminium housing for fast thermal
response and tab with 3mm mounting hole for easy installation, complete with a
PFA lead and tails.
The sensor can be cemented, glued, screwed, or bolted on most flat surfaces.
Specifications
General Description
Stripped 75mm tails as standard
Sensor Type
Pt100
Fitting
3mm mounting hole
Cable Type
PFA
Termination Type
Bare Tails or Miniature 3-Pin Plug Option
Max. Temperature
230°C
Min. Temperature
-50°C
Tolerance
Class A
Length
1M, 2M or 5M Lead
Number of Wires
4 wire or 3 wire with connector
Ordering Information
Number
of Wires
Class
Cable
Length
Termination
Manufacturers Code
Farnell Order
Code
4
A
1m
stripped wires
Bolt-RTD
4461805
4
A
2m
stripped wires
Bolt-RTD
4461806
4
A
5m
stripped wires
Bolt-RTD
4461807
3
A
1m
3 pin mini plug
Bolt-RTD
4461808
3
A
2m
3 pin mini plug
Bolt-RTD
4461809
3
A
5m
3 pin mini plug
Bolt-RTD
4461810



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com