Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9113 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS9113
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE DRIVE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9113 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS9113 Datasheet HTML 7Page - Renesas Technology Corp PS9113 Datasheet HTML 8Page - Renesas Technology Corp PS9113 Datasheet HTML 9Page - Renesas Technology Corp PS9113 Datasheet HTML 10Page - Renesas Technology Corp PS9113 Datasheet HTML 11Page - Renesas Technology Corp PS9113 Datasheet HTML 12Page - Renesas Technology Corp PS9113 Datasheet HTML 13Page - Renesas Technology Corp PS9113 Datasheet HTML 14Page - Renesas Technology Corp PS9113 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PS9113
R08DS0124EJ0301 Rev.3.01
Page 11 of 15
Oct 29, 2018
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
• Peak reflow temperature
260
C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220
C
60 seconds or less
• Time to preheat temperature from 120 to 180
C 12030 s
• Number of reflows
Three
•
Flux
Rosin flux containing small amount of chlorine (The flux
with a maximum chlorine content of 0.2 Wt% is
recommended.)
(2) Wave soldering
 Temperature
260
C or below (molten solder temperature)
 Time
10 seconds or less
 Preheating conditions 120C or below (package surface temperature)
 Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
 Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine
content of 0.2 Wt% is recommended.)
(3) Soldering by Soldering Iron
 Peak Temperature (lead part temperature) 350C or below
 Time (each pins)
3 seconds or less
 Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead
(b) Please be sure that the temperature of the package would not be heated over 100
C
(4) Cautions
Fluxes
Avoid removing the residual flux with freon-based and halogens-based (chlorine-based) cleaning solvent .
220°C
Time (s)
(heating)
to 10 s
to 60 s
260°C MAX.
Recommended Temperature Profile of Infrared Reflow
120±30 s
(preheating)
180°C
120°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com