Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8309CVMADDCA Datasheet(PDF) 40 Page - NXP Semiconductors

Part # MPC8309CVMADDCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADDCA Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button MPC8309CVMADDCA Datasheet HTML 36Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 37Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 38Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 39Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 40Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 41Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 42Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 43Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
40
Freescale Semiconductor
eSDHC
The following figure provides the eSDHC clock input timing diagram.
Figure 30. eSDHC Clock Input Timing Diagram
The following figure provides the data and command input/output timing diagram.
Figure 31. eSDHC Data and Command Input/Output Timing Diagram Referenced to Clock
Input hold times: SD_CMD, SD_DATx, SD_CD to
SD_CLK
tSHSIXKH
2.5
—
ns
3, 4
Output delay time: SD_CLK to SD_CMD, SD_DATx valid
tSHSKHOV
–3
3
ns
4
Notes:
1. The symbols used for timing specifications herein follow the pattern of t(first three letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first three letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tFHSKHOV
symbolizes eSDHC high-speed mode device timing (SHS) clock reference (K) going to the high (H) state, with respect to the
output (O) reaching the invalid state (X) or output hold time. Note that in general, the clock reference symbol is based on five
letters representing the clock of a particular functional. For rise and fall times, the latter convention is used with the
appropriate letter: R (rise) or F (fall).
2. In full-speed mode, the clock frequency value can be 0–25 MHz for an SD/SDIO card and 0–20 MHz for an MMC card. In
high-speed mode, the clock frequency value can be 0–33.25 MHz for an SD/SDIO card and 0–52 MHz for an MMC card.
3. To satisfy hold timing, the delay difference between clock input and cmd/data input must not exceed 2 ns.
4. CCARD  10 pF, (1 card), and CL = CBUS + CHOST +CCARD 40 pF
Table 40. eSDHC AC Timing Specifications (continued)
At recommended operating conditions with OVDD =3.3 V
Parameter
Symbol1
Min
Max
Unit
Notes
eSDHC
tSHSCKR
External Clock
VM
VM
VM
tSHSCK
tSHSCKF
VM = Midpoint Voltage (OVDD/2)
operational mode
tSHSCKL
tSHSCKH
VM = Midpoint Voltage (OVDD/2)
SD_CK
External Clock
SD_DAT/CMD
VM
VM
VM
VM
Inputs
SD_DAT/CMD
Outputs
tSHSIVKH
tSHSIXKH
tSHSKHOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com