Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8309CVMAGFC Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MPC8309CVMAGFC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMAGFC Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MPC8309CVMAGFC Datasheet HTML 38Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 39Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 40Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 41Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 42Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 43Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 44Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 45Page - NXP Semiconductors MPC8309CVMAGFC Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
42
Freescale Semiconductor
I2C
16 I2C
This section describes the DC and AC electrical characteristics for the I2C interface of the MPC8309.
16.1
I2C DC Electrical Characteristics
The following table provides the DC electrical characteristics for the I2C interface of the MPC8309.
16.2
I2C AC Electrical Specifications
The following table provides the AC timing parameters for the I2C interface of the MPC8309.
Table 43. I2C DC Electrical Characteristics
At recommended operating conditions with OVDD of 3.3 V ± 300mV.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage level
VIH
0.7
 OVDD
OVDD +0.3
V
—
Input low voltage level
VIL
–0.3
0.3
 OVDD
V—
Low level output voltage
VOL
00.4
V
1
Output fall time from VIH(min) to VIL(max) with a bus
capacitance from 10 to 400 pF
tI2KLKV
20 + 0.1
 CB
250
ns
2
Pulse width of spikes which must be suppressed by the
input filter
tI2KHKL
050
ns
3
Capacitance for each I/O pin
CI
—10
pF
—
Input current (0 V
VIN OVDD)IIN
—±5
A4
Notes:
1. Output voltage (open drain or open collector) condition = 3 mA sink current.
2. CB = capacitance of one bus line in pF.
3. Refer to the MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Reference Manual for information
on the digital filter used.
4. I/O pins obstructs the SDA and SCL lines if OVDD is switched off.
Table 44. I2C AC Electrical Specifications
All values refer to VIH (min) and VIL (max) levels (see Table 43).
Parameter
Symbol1
Min
Max
Unit
SCL clock frequency
fI2C
0
400
kHz
Low period of the SCL clock
tI2CL
1.3
—
s
High period of the SCL clock
tI2CH
0.6
—
s
Setup time for a repeated START condition
tI2SVKH
0.6
—
s
Hold time (repeated) START condition (after this period, the first clock
pulse is generated)
tI2SXKL
0.6
—
s
Data setup time
tI2DVKH
100
—
ns
Data hold time: I2C bus devices
tI2DXKL
300
0.93
s
Rise time of both SDA and SCL signals
tI2CR
20 + 0.1 CB4
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com