Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD30CTDR10BPM5IO Datasheet(PDF) 11 Page - Carlo Gavazzi Holding AG

Part # PD30CTDR10BPM5IO
Description  Photoelectric Diffuse Reflective sensors with IO-Link communication
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PD30CTDR10BPM5IO Datasheet(HTML) 11 Page - Carlo Gavazzi Holding AG

Back Button PD30CTDR10BPM5IO Datasheet HTML 7Page - Carlo Gavazzi Holding AG PD30CTDR10BPM5IO Datasheet HTML 8Page - Carlo Gavazzi Holding AG PD30CTDR10BPM5IO Datasheet HTML 9Page - Carlo Gavazzi Holding AG PD30CTDR10BPM5IO Datasheet HTML 10Page - Carlo Gavazzi Holding AG PD30CTDR10BPM5IO Datasheet HTML 11Page - Carlo Gavazzi Holding AG PD30CTDR10BPM5IO Datasheet HTML 12Page - Carlo Gavazzi Holding AG PD30CTDR10BPM5IO Datasheet HTML 13Page - Carlo Gavazzi Holding AG PD30CTDR10BPM5IO Datasheet HTML 14Page - Carlo Gavazzi Holding AG PD30CTDR10BPM5IO Datasheet HTML 15Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Carlo Gavazzi Industri A/S
PD30CTDx10BPxxIO - IO-Link
PD30CTDx10BPxxIO ENG
28/04/2021
Time delays
Timer mode
For SO1
• Disabled
• ON delay
• OFF delay
• ON delay and OFF delay
• One-shot leading edge
• One-shot trailing edge
Factory settings: Disabled
For SO2
• Disabled
• ON delay
• OFF delay
• ON delay and OFF delay
• One-shot leading edge
• One-shot trailing edge
Factory settings: Disabled
Timer scale
For SO1
• [ms]
• [s]
• [min]
Factory settings: ms
For SO2
• [ms]
• [s]
• [min]
Factory settings: ms
Timer value
For SO1
• 0 ... 32 767
Factory settings: 0
For SO2
• 0 ... 32 767
Factory settings: 0
Outputs
Sensor output
For SO1 Pin 4 Black wire
• Disabled output
• NPN
• PNP
• Push-Pull
Factory settings: PNP
For SO2 Pin 2 White wire
• Disabled output
• NPN
• PNP
• Push-Pull
• External input, active high
• External input, active low
• External teach
• Mute input
Factory settings: PNP
Output Inverter
For SO1 Pin 4 Black wire
• N.O.
• N.C.
Factory settings: N.O.
For SO2 Pin 2 White wire
• N.O.
• N.C.
Factory settings: N.C.
Rated operational current (I
e)
≤ 100mA (continuous) pr. output
100 mA @ 100 nF Load (Short-time) pr. output
OFF-state current (I
r)
≤ 50 μA
Minimum operational current (I
m)
> 0,5 mA
Voltage drop (U
d)
≤ 1.0 VDC @ 100 mA
Protection
Short circuit, reverse polarity, transients
Utilization category
DC-12
Control of resistive loads and solid-
state loads with optical isolation
DC-13
Control of electromagnets
Capacitive load
100 nF @ 100 mA, 24 VDC
Operation diagram
For default factory sensor
Tv = Power-ON delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com