Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA661AS Datasheet(PDF) 9 Page - STMicroelectronics

Part # SMA661AS
Description  Fully integrated GPS LNA IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA661AS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SMA661AS_07 Datasheet HTML 5Page - STMicroelectronics SMA661AS_07 Datasheet HTML 6Page - STMicroelectronics SMA661AS_07 Datasheet HTML 7Page - STMicroelectronics SMA661AS_07 Datasheet HTML 8Page - STMicroelectronics SMA661AS_07 Datasheet HTML 9Page - STMicroelectronics SMA661AS_07 Datasheet HTML 10Page - STMicroelectronics SMA661AS_07 Datasheet HTML 11Page - STMicroelectronics SMA661AS_07 Datasheet HTML 12Page - STMicroelectronics SMA661AS_07 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SMA661AS
Evaluation board description
9/14
Figure 14.
Evaluation Board Layout
Figure 15.
Evaluation Board Cross Section
Note:
Gerber files of the SMA661AS evaluation board are available on request.
Layout recommendation:
Both lines from pin 2 and pin 5 to GND plane have to be as short as possible to maximize
the performances. Therefore a via hole under the IC is highly recommended.
18 mm
20 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com