Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5P06MI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP5P06MI
Description  -60V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP5P06MI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP5P06MI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP5P06MI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP5P06MI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP5P06MI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP5P06MI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP5P06MI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP5P06MI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP5P06MI
-60V P-Channel Enhancement Mode MOSFET
AP5P06MI RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ =25 ℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250µA
-60
-
-
V
lGSS
Gate-body Leakage current
VDS = 0V, VGS = ±20V
-
-
±100
nA
IDSS
Zero Gate Voltage Drain Current TJ= 25°C
VDS = -60V, VGS = 0V
-
-
-1
μA
Zero Gate Voltage Drain Current TJ= 25°C
-
-
-100
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = -250µA
-1
-1.6
-2.5
V
RDS(on)
Drain-Source On-Resistance4
VGS = -10V, ID = -10A
-
86
110
mΩ
VGS = -4.5V, ID = -5A
90
125
gfs
Forward Transconductance4
VDS = -10V, ID = -10A
-
30
-
S
Ciss
Input Capacitance
VDS = -30V, VGS = 0V, f =
1MHz
-
1022
-
pF
Coss
Output Capacitance
-
47
-
Crss
Reverse Transfer Capacitance
-
39
-
Rg
Gate Resistance
f = 1MHz
-
11
-
Ω
Qg
Total Gate Charge
VGS = -10V, VDS = -30V, ID=
-10A
-
17
-
nC
Qgs
Gate-Source Charge
-
2.9
-
Qgd
Gate-Drain Charge
-
7.4
-
td(on)
Turn-On Delay Time
VGS = -10V, VDD = -30V, RG =
3Ω, ID= -10A
-
8.5
-
ns
tr
Rise Time
-
19.9
-
td(off)
Turn-Off Delay Time
-
44
-
tf
Fall Time
-
12.2
-
VSD
Diode Forward Voltage4
IS = -1A, VGS = 0V
-
-
-1.2
V
IS
Continuous Source Current TC= 25°C
-
-
-
-13
A
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com