Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10893_GT3-XP-W Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C10893_GT3-XP-W
Description  GT3-XP lenses for Cree XP-E/C series of LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10893_GT3-XP-W Datasheet(HTML) 2 Page - Ledil, Inc.

  C10893_GT3-XP-W Datasheet HTML 1Page - Ledil, Inc. C10893_GT3-XP-W Datasheet HTML 2Page - Ledil, Inc. C10893_GT3-XP-W Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LEDIL F’FORM OPTICS
© Ledil Oy – PRELIMINARY - Subject to change without prior notice
Ledil Oy
www.ledil.com
Tehdaskatu 13
email: ledil@ledil.com
FIN-24100 SALO, Finland
FAX: +358-2-733 8001
2010-02-17
MEASUREMENT DATA
Relative Intensity of C10892_GT3-XP-M
0 %
25 %
50 %
75 %
100 %
-40
-30
-20
-10
0
10
20
30
40



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com