Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2PR2 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # D2PR2
Description  D2/D7 Series Metal Spring Clip, Used with D2PR2,D2PF2, D2PR4, D2PF4, D7Pr1, D7PR2, D7PF1, D7PF2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

D2PR2 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  D2PR2 Datasheet HTML 1Page - Eaton All Rights Reserved. D2PR2 Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D2/D7 Series Metal Spring Clip, Used with D2PR2,
D2PF2, D2PR4, D2PF4, D7Pr1, D7PR2, D7PF1, D7PF2
Relays, QTY: 25-PQC-1342
PQC-1342
Specifications
GENERAL SPECIFICATIONS
PRODUCT NAME
Eaton D series general purpose relay metal spring clip
CATALOG NUMBER
PQC-1342
UPC
786685021393
PRODUCT LENGTH/DEPTH
.75 in
PRODUCT HEIGHT
.75 in
PRODUCT WIDTH
1 in
PRODUCT WEIGHT
.01 lb
WARRANTY
Eaton Selling Policy 25-000, one (1) year from the date of
installation of the Product or eighteen (18) months from
the date of shipment of the Product, whichever occurs
first.
COMPLIANCES
RoHS Compliant
CE Marked
CERTIFICATIONS
cRUus
CSA Certified
PRODUCT SPECIFICATIONS
SPECIAL FEATURES
D2PR2, D2PF2, D2PR4, D2PF4, D7Pr1, D7PR2, D7PF1,
and D7PF2 relays
SERIES
D2/D7
TYPE
D2/D7 series
USED WITH
D2PR2, D2PF2, D2PR4, D2PF4, D7Pr1, D7PR2, D7PF1,
and D7PF2 relays
QUANTITY
25
Eaton
(/us/en-us.html)


Similar Part No. - D2PR2

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
D2PAK AMKOR-D2PAK Datasheet
555Kb / 2P
D2PAK follows the JEDEC standard (TO-263) for high-power discrete products.
05/20
logo
Central Semiconductor C...
D2PAKPD CENTRAL-D2PAKPD Datasheet
678Kb / 3P
D2PAK Case
logo
Adam Technologies, Inc.
D2PH-1 ADAM-TECH-D2PH-1 Datasheet
163Kb / 1P
2.00mm HEADERS & SHUNTS .079 [2.00] CENTERLINE
D2PH-1-12-U-100 ADAM-TECH-D2PH-1-12-U-100 Datasheet
163Kb / 1P
2.00mm HEADERS & SHUNTS .079 [2.00] CENTERLINE
D2PH-1-XX-T-191-110-492 ADAM-TECH-D2PH-1-XX-T-191-110-492 Datasheet
78Kb / 1P
SINGLE ROW PIN HEADER
More results

Similar Description - D2PR2

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427700 WURTH-7427700 Datasheet
36Kb / 1P
Plastic Spring Clip
74272571 WURTH-74272571 Datasheet
64Kb / 2P
SPLIT FLAT FERRITE (mounted with metal spring clip)
74277004 WURTH-74277004 Datasheet
36Kb / 1P
Plastic Spring Clip
74277005 WURTH-74277005 Datasheet
36Kb / 1P
Metal Spring Clip
74277006 WURTH-74277006 Datasheet
35Kb / 1P
Metal Spring Clip
logo
List of Unclassifed Man...
BU-61 ETC2-BU-61 Datasheet
49Kb / 1P
Alligator Clip with Cage Spring Barrel
561-SCP375132 ETC2-561-SCP375132 Datasheet
179Kb / 2P
Spring Clip
logo
ALPS ELECTRIC CO.,LTD.
SCTA ALPS-SCTA Datasheet
461Kb / 1P
Spring Contact(micro clip)
logo
Wurth Elektronik GmbH &...
7425103 WURTH-7425103 Datasheet
210Kb / 3P
Earthing Metal Clip
001.000
7425109 WURTH-7425109 Datasheet
210Kb / 3P
Earthing Metal Clip
001.000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com