Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7N100F Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP7N100F
Description  1000V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP7N100F Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP7N100F Datasheet HTML 1Page - A POWER MICROELECTRONICS AP7N100F Datasheet HTML 2Page - A POWER MICROELECTRONICS AP7N100F Datasheet HTML 3Page - A POWER MICROELECTRONICS AP7N100F Datasheet HTML 4Page - A POWER MICROELECTRONICS AP7N100F Datasheet HTML 5Page - A POWER MICROELECTRONICS AP7N100F Datasheet HTML 6Page - A POWER MICROELECTRONICS AP7N100F Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP7N100FIPIT
1000V N-Channel Enhancement Mode MOSFET
AP7N100F/P/T RVE1.0
永源微電子科技有限公司
Description
The AP7N100F/P/T is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 1000V ID =7.0A
RDS(ON) < 1500mΩ @ VGS=10V (Type:1200mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP7N100F
TO-220F-3L
AP7N100F XXX YYYY
1000
AP7N100P
TO-220-3L
AP7N100F XXX YYYY
1000
AP7N100T
TO-2633-L
AP7N100F XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
1000
V
ID@TC=25
℃
Continuous Drain Current, VGS @ -10V1
7.0
A
ID@TC=100
℃
Continuous Drain Current, VGS @ -10V1
5.5
A
IDM
Pulsed Drain Current
28
A
VGS
Gate-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy
405
mJ
IAS
Avalanche Current
9
A
EAR
Repetitive Avalanche Energy
1.62
mJ
PD
Power Dissipation (TC = 25ºC)
48
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
℃
RthJC
Thermal Resistance, Junction-to-Case
2.6
℃/W
RthJA
Thermal Resistance, Junction-to-Ambient
62.3
℃/W


Similar Part No. - AP7N100F

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP7N25D APME-AP7N25D Datasheet
1Mb / 7P
250V N-Channel Enhancement Mode MOSFET
AP7N30D APME-AP7N30D Datasheet
983Kb / 7P
300V N-Channel Enhancement Mode MOSFET
REV1.0
AP7N50D APME-AP7N50D Datasheet
1Mb / 7P
500V N-Channel Enhancement Mode MOSFET
AP7N65D-B APME-AP7N65D-B Datasheet
1Mb / 8P
650V N-Channel Enhancement Mode MOSFET
REV1.0
AP7N65DY-B APME-AP7N65DY-B Datasheet
1Mb / 8P
650V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP7N100F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD2N100 FAIRCHILD-FQD2N100 Datasheet
622Kb / 9P
1000V N-Channel MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
1000V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N100 KERSEMI-KSMD2N100 Datasheet
1Mb / 8P
1000V N-Channel MOSFET
KSMU2N100 KERSEMI-KSMU2N100 Datasheet
1Mb / 8P
1000V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com