Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7N50D Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP7N50D
Description  500V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP7N50D Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP7N50D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP7N50D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP7N50D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP7N50D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP7N50D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP7N50D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP7N50D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP7N50D
500V N-Channel Enhancement Mode MOSFET
AP7N50D RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
500
550
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 650V, VGS= 0V, TJ=25ºC
--
--
1
μA
IGSS
Gate-Source Leakage
VGS = ±30V
--
--
±100
nA
VGS(th)
Gate-Source Threshold Voltage
VDS = VGS, ID = 250µA
2.0
--
4.0
V
RDS(on)
Drain-Source On-Resistance
(Note3)
VGS = 10V, ID = 3.5A
--
1.2
1.5
Ω
Ciss
Input Capacitance
VGS = 0V, VDS = 25V, f = 1.0MHz
--
700
--
pF
Coss
Output Capacitance
--
94
--
Crss
Reverse Transfer Capacitance
--
12
--
Qg
Total Gate Charge
VDD=520V, ID = 7A, VGS = 10V
--
19
--
nC
Qgs
Gate-Source Charge
--
3.7
--
Qgd
Gate-Drain Charge
--
11
--
td(on)
Turn-on Delay Time
VDD=325V, ID = 7A, RG = 25Ω
--
13
--
ns
tr
Turn-on Rise Time
--
20
--
td(off)
Turn-off Delay Time
--
76
--
tf
Turn-off Fall Time
--
40
--
IS
Continuous Body Diode Current
TC = 25 ºC
--
--
7.0
A
ISM
Pulsed Diode Forward Current
--
--
28
A
VSD
Body Diode Voltage
TJ = 25ºC, ISD = 7A, VGS = 0V
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0V,IS = 7A, diF/dt =100A
/μs
--
260
--
ns
Qrr
Reverse Recovery Charge
--
3.8
--
μC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
、The EAS data shows Max. rating . IAS = 4.5A, VDD = 50V, RG = 25 Ω, Starting TJ = 25 ºC
3
、The test condition is Pulse Test: Pulse width ≤ 300μs, Duty Cycle ≤ 1%
4
、The power dissipation is limited by 150℃ junction temperature
5
、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com