Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27V320 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M27V320
Description  32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V320 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M27V320 Datasheet HTML 7Page - STMicroelectronics M27V320 Datasheet HTML 8Page - STMicroelectronics M27V320 Datasheet HTML 9Page - STMicroelectronics M27V320 Datasheet HTML 10Page - STMicroelectronics M27V320 Datasheet HTML 11Page - STMicroelectronics M27V320 Datasheet HTML 12Page - STMicroelectronics M27V320 Datasheet HTML 13Page - STMicroelectronics M27V320 Datasheet HTML 14Page - STMicroelectronics M27V320 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
M27V320
12/15
Table 12. Ordering Information Scheme
Note: 1. High Speed, see AC Characteristics section for further information.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the STMicroelectronics Sales Office nearest to you.
Example:
M27V320
-100 M
1
Device Type
M27
Supply Voltage
V = 3.3V ± 10%
Device Function
320 = 32 Mbit (4Mb x 8 or 2Mb x 16)
Speed
-100(1) = 100 ns
-120 = 120 ns
-150 = 150 ns
Package
M = SO44
N = TSOP48: 12 x 20 mm
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
Table 13. Revision History
Date
Version
Revision Details
December 2001
1.0
First Issue
26-Aug-2002
1.1
Document status moved to Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com