Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD4USB3U-TTS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PESD4USB3U-TTS
Description  TrEOS ESD protection for Automotive Infotainment & SerDes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD4USB3U-TTS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PESD4USB3U-TTS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD4USB3U-TTS Datasheet HTML 2Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nexperia TrEOS portfolio for high-speed data-lines
Our TrEOS family is composed of two subsets of devices which
can be employed together or separately:
› Extremely high surge robustness devices are designed to be
placed between the connector and AC capacitor to protect
the decoupling capacitor and transceiver against possible peak
pulses (up to 20 A).
› Extremely low peak voltages devices are designed to be placed
between the capacitor and the device, offering industry-leading
low-trigger voltage to maximize system-level protection
(V
t1 as low as 3.5 V).
Combining a protection device from both subsets is suggested,
to achieve ultimate ESD protection.
The AEC-Q101-qualified automotive TrEOS ESD protection devices parts combine extremely low capacitance ensuring
high signal integrity, extremely low clamping, and high robustness for modern automotive interfaces. Specific automotive
applications include infotainment, multimedia and ADAS systems featuring USB2.0, HDMI, LVDS, SerDes and SD-card
interfaces. With TrEOS technology, capacitance is kept down to 0.2 pF, clamping voltage is just 1.5 V and devices can withstand
surge and ESD pulses up to 7 A 8/20 µs. This industry-leading performance in all areas is delivered in the extensively-proven
SOT23 , DFN2510A-10 (SOT1176) and DFN2510D-10 (SOT1165D, SOT1176D) package. Nexperia will continue to offer TrEOS
ESD protection in more leadless packages, e.g. the 2-pin DFN1006BD-2 with side-wettable flanks.
Portfolio overview
Package details
Automotive TrEOS solutions are available in automotive grade, extreme-robustness leaded SMD and leadless DFN plastic packages.
Browse our full portfolio: https://www.nexperia.com/automotive-infotainment-serdes
Product
Package
Configuration
V
RWM (V)
Capacitance
max (pF)
ESD Robustness
(kV)
PESD2USB3UV-T
SOT23
2.9 x 1.3 x 1.0 mm
Unidirectional
3.3 V
1 pF
18 kV
PESD2USB3UX-T
3.3 V
0.7 pF
8 kV
PESD2USB5UV-T
5 V
0.9 pF
22 kV
PESD2USB5UX-T
5 V
0.6 pF
8 kV
PESD4USB3U-TBR
DFN2510A-10(SOT1176)
2.5 x 1.0 x 0.5 mm
Unidirectional
3.3V
0.34 pF
15 kV
PESD4USB5U-TBR
5 V
PESD4USB3B-TBR
Bidirectional
3.3 V
0.25 pF
PESD4USB5B-TBR
5 V
PESD4USB3U-TTS
DFN2510D-10 (SOT1165D)
2.5 x 1.0 x 0.75 mm
SWF for AOI
Unidirectional
3.3 V
0.34 pF
15 kV
PESD4USB5U-TTS
5 V
PESD4USB3B-TTS
Bidirectional
3.3 V
0.25 pF
PESD4USB5B-TTS
5 V
PESD4USB3U-TBS
DFN2510D-10 (SOT1176D)
2.5 x 1.0 x 0.75 mm
SWF for AOI
Unidirectional
3.3 V
0.34 pF
15 kV
PESD4USB5U-TBS
5 V
PESD4USB3B-TBS
Bidirectional
3.3 V
0.25 pF
PESD4USB5B-TBS
5 V
USB 3.2 ESD Protection for Automotive
© 2021 Nexperia B.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of
the copyright owner. The information presented in this document does not form part of any quotation
or contract, is believed to be accurate and reliable and may be changed without notice. No liability will
be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor
imply any license under patent- or other industrial or intellectual property rights.
Date of release:
April 2021
Printed:
In the Netherlands
nexperia.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com