Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6725 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VD6725
Description  2 megapixel, 1/5 inch system-on-chip imaging sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6725 Datasheet(HTML) 2 Page - STMicroelectronics

  VD6725 Datasheet HTML 1Page - STMicroelectronics VD6725 Datasheet HTML 2Page - STMicroelectronics VD6725 Datasheet HTML 3Page - STMicroelectronics VD6725 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Overview
VD6725
2/4
1
Overview
Figure 1.
VD6725 block diagram
Wafer level package: TSV (through-silicon via)
The wafer-level package, TSV (through-silicon via) technology, is used to design smaller
camera modules, improve the assembly yield and lower costs. The VD6725 is available in
ST’s revolutionary TSV package:
Ultra-scaled down camera module size
No wire bonding inside the camera module: save up to 1.6 mm in X and Y
No substrate in the module: directly reflowable, on phone mother board or flex-attach
Up to 400 µm saved in module Z height
No leads on the package sides for an increased reliability and ESD protection
2
Ordering information
Table 1.
Ordering information
Order code
Description
VD6725/SW
Tested, sawn dice on reconstructed wafer.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com