Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9N90P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP9N90P
Description  900V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP9N90P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP9N90P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP9N90P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP9N90P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP9N90P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP9N90P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP9N90P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP9N90P Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP9N90FIPIT
900V N-Channel Enhancement Mode MOSFET
AP9N90F/P/T RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 μA
900
1000
V
ΔBVDSS/ ΔTJ Breakdown Voltage TemperatureCoefficient
ID=250μA, Referenced to25°C
0.74
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 900 V, VGS = 0 V
1
μA
IDSS
Zero Gate Voltage Drain Current
VDS = 720 V, TC = 125°C
10
μA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
-100
nA
VGS(TH)
Gate Threshold Voltage
VDS=VGS, ID =250 uA
2.0
4.0
V
RDS(On)
Drain-Source On-state Resistance
VGS=10 V, ID =4.5 A,
975
1200
mΩ
gFS
Forward Transconductance
VDS = 40 V, ID = 4.5 A
11
S
Ciss
Input Capacitance
VDS=25 V, VGS=0V, f=1.0 MHz
2752
pF
Coss
Output Capacitance
206
pF
Crss
Reverse Transfer Capacitance
36
pF
td(on)
Turn On Delay Time
VDD=450 V, ID=9A,
RG=25Ω
33
ns
tr
Rising Time
57
ns
td(off)
Turn Off Delay Time
270
ns
tf
Fall Time
91
ns
Qg
Total Gate Charge
VDS=450V, ID=9A,
VGS=10V
80
nC
Qgs
Gate-Source Charge
12
nC
Qgd
Gate-Drain Charge
38
nC
ISM
Maximum Pulsed Drain-Source Diode Forward Current
36
A
VSD
Diode Forward Voltage
VGS= 0 V, IS = 9 A
1.4
V
trr
Reverse Recovery Time
VGS=0V, IS=9A, dIF/dt=100 A/μs
Note4)
533
ns
Qrr
Reverse Recovery Charge
6.2
μC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
、The EAS data shows Max. rating . L=4.1Mh IAS=18A, VDD=50V, RG=25Ω, Starting TJ = 25 ºC
3
、The test condition is Pulse Test: Pulse width ≤ 300μs, Duty Cycle ≤ 1%
4
、The power dissipation is limited by 150℃ junction temperature
5
、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com