Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1002ARGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1002ARGET
Description  DUAL SIGNAL CONDITIONING TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1002ARGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLK1002ARGET Datasheet HTML 3Page - Texas Instruments TLK1002ARGET Datasheet HTML 4Page - Texas Instruments TLK1002ARGET Datasheet HTML 5Page - Texas Instruments TLK1002ARGET Datasheet HTML 6Page - Texas Instruments TLK1002ARGET Datasheet HTML 7Page - Texas Instruments TLK1002ARGET Datasheet HTML 8Page - Texas Instruments TLK1002ARGET Datasheet HTML 9Page - Texas Instruments TLK1002ARGET Datasheet HTML 10Page - Texas Instruments TLK1002ARGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
Y1
−Y1
0
Y2
−Y2
X1
0
1−X1
1
Y1
−Y1
0
Y2
−Y2
X2
0
1−X2
1
X1
1−X1
OPERATIONAL MODES
NORMAL OPERATION MODE
TLK1002A
DUAL SIGNAL CONDITIONING TRANSCEIVER
SLLS661 – JUNE 2005
AC ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE CLOCK AC SPECIFICATIONS
VIL,RCLK
Reference clock low level voltage
DC coupled
–0.3
0.3
V
VIH,RCLK
Reference clock high level voltage
DC coupled
1.5
2.1
V
vRCLK
Reference clock swing
AC coupled
1.2
2.4
Vp-p
VIH,RCLK
Reference clock input threshold (self biasing)
AC coupled
0.9
V
Clock duty cycle
40%
60%
tR,RCLK,
Rise / fall time
20% to 80%
300
1500
ps
tF,RCLK
f0,RCLK
Reference clock frequency(3)
Baud/10
TJRCLK200
Up to 10 MHz
40
psp-p
Reference clock total jitter(4)
TJRCLK
80
psp-p
∆f
RCLK
Frequency difference between reference clock
Reference clock and incoming data
–200
200
ppm
and incoming data signal
are off the nominal data rate but in
opposite direction
(3)
Reference clock is not locked to the data frequency and may deviate by
∆ f
RCLK.
(4)
The reference clock may contain jitter, in the order of about 80 psp-p. However, the jitter components below 10 MHz, which is the
bandwidth of the clock generation PLL, must not exceed 40 psp-p. Increased reference clock jitter leads to increased output jitter as well
as to reduced jitter tolerance.
Figure 2. Input Eye Mask
Figure 3. Output Eye Mask
In normal operation, the data signal at the RXA+/RXA– pins is applied to an input buffer stage, which drives a
signal conditioning PLL. The retimed output signal is connected to the output pins TXB+/TXB– by means of a
multiplexer stage and a VML output buffer.
On the other side, the input signal applied to the RXB+/RXB– pins is connected to a signal conditioning PLL by
means of an input buffer stage. The retimed output signal of the PLL is connected to the output pins TXA+/TXA–
using a multiplexer stage as well as a VML output driver.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com