Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2072 Datasheet(PDF) 7 Page - SMSC Corporation

Part # TMC2072
Description  Peripheral Mode CircLink??Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2072 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button TMC2072 Datasheet HTML 3Page - SMSC Corporation TMC2072 Datasheet HTML 4Page - SMSC Corporation TMC2072 Datasheet HTML 5Page - SMSC Corporation TMC2072 Datasheet HTML 6Page - SMSC Corporation TMC2072 Datasheet HTML 7Page - SMSC Corporation TMC2072 Datasheet HTML 8Page - SMSC Corporation TMC2072 Datasheet HTML 9Page - SMSC Corporation TMC2072 Datasheet HTML 10Page - SMSC Corporation TMC2072 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
Peripheral Mode CircLink™ Controller
Datasheet
SMSC TMC2072
Page 7
Revision 0.1 (06-07-07)
DATASHEET
1.2
About the TMC2072
The TMC2072 network controller is CircLink technology’s flagship product. The TMC2072’s flexibility and
rich feature set enable a high-reliability and high-performance, real-time and control-oriented network
without the cumbersome middle layer protocol stacks and complex packet prioritization schemes typically
required.
TMC2072 operates at network data transfer rates up to 5 Mbps. Its embedded 1k Byte RAM can be
configured into a maximum of 32 pages to implement a 31-node network where each node in the network
has the same local memory.
TMC2072 supports “Peripheral Mode” operation, which includes two selectable communication modes:
“Free Format Mode” and “Remote Buffer Mode”. Free Format mode, retained from ARCNET, is “packet
oriented” communication. Remote Buffer mode communication is a CircLink-specific feature, and is a
token oriented communication, which includes automatic data transmission when the token arrives.
The TMC2072 has a flexible 8-bit or 16-bit data bus to interface various CPU types including X86, 68XX,
and SHx with multiplexed or non-multiplexed address/data. When operating in Peripheral mode, the
TMC2072 has 8-bit programmable I/O available. When operating in Standalone mode, the TMC2072’s I/O
configuration is16-bit. The TMC2072 also integrates a 3-port hub (two ports for external connection) to
accommodate various network topologies (Bus, Star, etc.) and combinations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com