Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1505PVC Datasheet(PDF) 1 Page - Multicomp Pro

Part # 1505PVC
Description  Terminal Cover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1505PVC Datasheet(HTML) 1 Page - Multicomp Pro

  1505PVC Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
02/10/20
Terminal Cover
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications:
For Use With
: Terminal
Connector Body Material
: PVC (Polyvinyl Chloride)
Connector Type
: Dust Cap & Cover
Part Number Table
Description
Part Number
Terminal Cover, 0.8mm × 6.35mm
1505PVC
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - 1505PVC

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1505 DATADELAY-1505 Datasheet
30Kb / 2P
5-TAP SIP DELAY LINE TD/TR = 3
logo
Abbatron All Rights Res...
1505 ABBATRON-1505 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Data Delay Devices, Inc...
1505-100A DATADELAY-1505-100A Datasheet
30Kb / 2P
5-TAP SIP DELAY LINE TD/TR = 3
1505-100B DATADELAY-1505-100B Datasheet
30Kb / 2P
5-TAP SIP DELAY LINE TD/TR = 3
1505-100C DATADELAY-1505-100C Datasheet
30Kb / 2P
5-TAP SIP DELAY LINE TD/TR = 3
More results

Similar Description - 1505PVC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437645-1 MACOM-2-1437645-1 Datasheet
33Kb / 1P
TERMINAL COVER W/COVER MOUNTS
logo
Mean Well Enterprises C...
TBC-05 MEANWELL-TBC-05 Datasheet
108Kb / 1P
Cover for terminal Blocks
TBC-07 MEANWELL-TBC-07 Datasheet
110Kb / 1P
Cover for terminal Blocks
TBC-08 MEANWELL-TBC-08 Datasheet
106Kb / 1P
Cover for terminal Blocks
TBC-09 MEANWELL-TBC-09 Datasheet
104Kb / 1P
Cover for terminal Blocks
logo
Pepperl+Fuchs Inc.
LB9008A PF-LB9008A Datasheet
671Kb / 1P
Protective Cover for Terminal Blocks
2020-03-30
LB9010A PF-LB9010A Datasheet
589Kb / 1P
Protective Cover for Terminal Blocks
2020-03-30
LB9108A PF-LB9108A Datasheet
667Kb / 1P
Protective Cover for Terminal Blocks
2020-03-30
LB9120A PF-LB9120A Datasheet
610Kb / 1P
Protective Cover for Terminal Blocks
2020-03-30
logo
Schneider Electric
9070FSC2 SCHNEIDER-9070FSC2 Datasheet
77Kb / 2P
9070FSC2 TERMINAL COVER
Jan 12, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com