Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2-4HUB. Datasheet(PDF) 1 Page - Multicomp Pro

Part # U2-4HUB.
Description  4-Port USB 2.0 Hub
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

U2-4HUB. Datasheet(HTML) 1 Page - Multicomp Pro

  U2-4HUB. Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
08/02/21
4-Port USB 2.0 Hub
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
No.
Description
Qty.
Unit
1
U2-4Hub PCBA
1
Pc
2
U2-4Hub white up cover ABS No Mark
3
U3-4Hub U2-4Hub white bottom cover ABS No Mark
4
Hub Light the lamp ABS white and transparent
5
White sillicone material single side of gum size: 25mm×10mm×1.5mm
2
Pcs
Diagram
Part Number Table
Description
Part Number
4-Port USB 2.0 Hub
U2-4HUB
106mm
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - U2-4HUB.

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
U2-07210 TURCK-U2-07210 Datasheet
934Kb / 2P
Actuator and Sensor Receptacle – Rear Mount Right-angle PCB Pins
06/07/2023
U2-07211 TURCK-U2-07211 Datasheet
944Kb / 2P
Actuator and Sensor Receptacle – Rear Mount Right-angle PCB Pins
06/07/2023
U2-08598 TURCK-U2-08598 Datasheet
951Kb / 2P
Actuator and Sensor Receptacle – Rear Mount Solder cups
06/07/2023
U2-08599 TURCK-U2-08599 Datasheet
947Kb / 2P
Actuator and Sensor Receptacle – Rear Mount Solder cups
06/07/2023
U2-08600 TURCK-U2-08600 Datasheet
955Kb / 2P
Actuator and Sensor Receptacle – Rear Mount Solder cups
06/07/2023
More results

Similar Description - U2-4HUB.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
USB 2.0 4-PORT HUB Controller
logo
SMSC Corporation
USB2504 SMSC-USB2504_06 Datasheet
781Kb / 46P
Integrated USB 2.0 Compatible 4-Port Hub
USB20H04 SMSC-USB20H04 Datasheet
762Kb / 35P
4-PORT USB 2.0 HUB CONTROLLER
USB2504 SMSC-USB2504_07 Datasheet
596Kb / 46P
Integrated USB 2.0 Compatible 4-Port Hub
logo
Tripp Lite. All Rights ...
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
4-Port USB 2.0 Hi-Speed Hub
logo
Texas Instruments
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
logo
Microchip Technology
USB2504 MICROCHIP-USB2504 Datasheet
446Kb / 42P
Integrated USB 2.0 Compatible 4-Port Hub
06/23/16
logo
Exar Corporation
XR22414DS EXAR-XR22414DS Datasheet
565Kb / 13P
USB 2.0 4-Port MTT Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com